Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 103 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 99Page - NXP Semiconductors P5021 Datasheet HTML 100Page - NXP Semiconductors P5021 Datasheet HTML 101Page - NXP Semiconductors P5021 Datasheet HTML 102Page - NXP Semiconductors P5021 Datasheet HTML 103Page - NXP Semiconductors P5021 Datasheet HTML 104Page - NXP Semiconductors P5021 Datasheet HTML 105Page - NXP Semiconductors P5021 Datasheet HTML 106Page - NXP Semiconductors P5021 Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
103
waveform is not referenced to ground. See Figure 40, “Differential measurement points for rise
and fall time,” as an example for differential waveform.
Common Mode Voltage, Vcm
The common mode voltage is equal to half of the sum of the voltages between each conductor of
a balanced interchange circuit and ground. In this example, for SerDes output,
Vcm_out =(VSD_TXn +VSD_TXn) ÷ 2 = (A + B) ÷ 2, which is the arithmetic mean of the two
complementary output voltages within a differential pair. In a system, the common mode voltage
may often differ from one component’s output to the other’s input. It may be different between the
receiver input and driver output circuits within the same component. It is also referred to as the DC
offset on some occasions.
To illustrate these definitions using real values, consider the example of a current mode logic (CML) transmitter that has a
common mode voltage of 2.25 V and outputs, TD and TD. If these outputs have a swing from 2.0 V to 2.5 V, the peak-to-peak
voltage swing of each signal (TD or TD) is 500 mV p-p, which is referred to as the single-ended swing for each signal. Because
the differential signaling environment is fully symmetrical in this example, the transmitter output’s differential swing (VOD) has
the same amplitude as each signal’s single-ended swing. The differential output signal ranges between 500 mV and –500 mV.
In other words, VOD is 500 mV in one phase and –500 mV in the other phase. The peak differential voltage (VDIFFp) is 500 mV.
The peak-to-peak differential voltage (VDIFFp-p) is 1000 mV p-p.
2.20.2
SerDes reference clocks
The SerDes reference clock inputs are applied to an internal PLL whose output creates the clock used by the corresponding
SerDes lanes. The SerDes reference clocks inputs are SD_REF_CLK1 and SD_REF_CLK1 for SerDes bank1, SD_REF_CLK2
and SD_REF_CLK2 for SerDes bank2, SD_REF_CLK3 and SD_REF_CLK3 for SerDes bank3, and SD_REF_CLK4 and
SD_REF_CLK4 for SerDes bank4.
SerDes banks 1–4 may be used for various combinations of the following IP blocks based on the RCW Configuration field
SRDS_PRTCL:
•
SerDes bank 1: PEX1/2/3, SGMII (1.25 Gbps only) or Aurora.
•
SerDes bank 2: SGMII (1.25 or 3.125 GBaud) or XAUI.
•
SerDes bank 3: SATA, or XAUI.
•
SerDes bank 4: SATA
The following sections describe the SerDes reference clock requirements and provide application information.
2.20.2.1
SerDes reference clock receiver characteristics
This figure shows a receiver reference diagram of the SerDes reference clocks.
Figure 36. Receiver of SerDes reference clocks
Input
Amp
50
Ω
50
Ω
SD_REF_CLKn
SD_REF_CLKn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com