Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 107 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 103Page - NXP Semiconductors P5021 Datasheet HTML 104Page - NXP Semiconductors P5021 Datasheet HTML 105Page - NXP Semiconductors P5021 Datasheet HTML 106Page - NXP Semiconductors P5021 Datasheet HTML 107Page - NXP Semiconductors P5021 Datasheet HTML 108Page - NXP Semiconductors P5021 Datasheet HTML 109Page - NXP Semiconductors P5021 Datasheet HTML 110Page - NXP Semiconductors P5021 Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
107
Figure 41. Single-ended measurement points for rise and fall time matching
2.20.2.4
Spread-spectrum clock
SD_REF_CLK1/SD_REF_CLK1 were designed to work with a spread spectrum clock (+0 to 0.5% spreading at 30–33 kHz rate
is allowed), assuming both ends have same reference clock. For better results, a source without significant unintended
modulation should be used.
SD_REF_CLK2/SD_REF_CLK2 were designed to work with a spread spectrum clock (+0 to 0.5% spreading at 30–33 kHz rate
is allowed), assuming both ends have same reference clock and the industry protocol specifications supports it. For better
results, a source without significant unintended modulation should be used.
SD_REF_CLK3/SD_REF_CLK3 are not intended to be used with, and should not be clocked by, a spread spectrum clock
source.
SD_REF_CLK4/SD_REF_CLK4 are not intended to be used with, and should not be clocked by, a spread spectrum clock
source.
2.20.3
SerDes transmitter and receiver reference circuits
This figure shows the reference circuits for SerDes data lane’s transmitter and receiver.
Figure 42. SerDes transmitter and receiver reference circuits
The DC and AC specification of SerDes data lanes are defined in each interface protocol section below based on the application
usage:
•
Section 2.20.4, “PCI Express”
•
Section 2.20.5, “XAUI”
•
Section 2.20.6, “Aurora”
•
Section 2.20.7, “Serial ATA (SATA)
•
Section 2.20.8, “SGMII interface”
Note that external AC-coupling capacitor is required for the above serial transmission protocols per the protocol’s standard
requirements.
SDn_REF_CLK
SDn_REF_CLK
SDn_REF_CLK
SDn_REF_CLK
SDn_REF_CLK
VCROSS MEDIAN
VCROSS MEDIAN
VCROSS MEDIAN + 100 mV
VCROSS MEDIAN – 100 mV
TFALL
TRISE
50
Ω
50
Ω
Receiver
Transmitter
SD_TXn
SD_TXn
SD_RXn
SD_RXn
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com