Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 101 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 97Page - NXP Semiconductors P5021 Datasheet HTML 98Page - NXP Semiconductors P5021 Datasheet HTML 99Page - NXP Semiconductors P5021 Datasheet HTML 100Page - NXP Semiconductors P5021 Datasheet HTML 101Page - NXP Semiconductors P5021 Datasheet HTML 102Page - NXP Semiconductors P5021 Datasheet HTML 103Page - NXP Semiconductors P5021 Datasheet HTML 104Page - NXP Semiconductors P5021 Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
101
2.19.2
GPIO AC timing specifications
This table provides the GPIO input and output AC timing specifications.
This figure provides the AC test load for the GPIO.
Figure 34. GPIO AC test load
2.20
High-speed serial interfaces (HSSI)
The chip features a serializer/deserializer (SerDes) interface to be used for high-speed serial interconnect applications. The
SerDes interface can be used for PCI Express, XAUI, Aurora and SGMII data transfers.
This section describes the common portion of SerDes DC electrical specifications: the DC requirement for SerDes reference
clocks. The SerDes data lane’s transmitter and receiver reference circuits are also shown.
2.20.1
Signal terms definition
The SerDes utilizes differential signaling to transfer data across the serial link. This section defines terms used in the description
and specification of differential signals.
Table 60. GPIO Input AC timing specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Unit
Notes
GPIO inputs—minimum pulse width
tPIWID
20
ns
1
Trust inputs—minimum pulse width
tTIWID
3
SYSCLK
2
Note:
1. GPIO inputs and outputs are asynchronous to any visible clock. GPIO outputs should be synchronized before use by any
external synchronous logic. GPIO inputs are required to be valid for at least tPIWID to ensure proper operation.
2. Trust inputs are asynchronous to any visible clock. Trust inputs are required to be valid for at least tTIWID to ensure proper
operation. For low power trust input pin LP_TMP_DETECT, the voltage is VDD_LP and see Table 3.for the voltage
requirement.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com