Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 144 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 144 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 140Page - NXP Semiconductors P5021 Datasheet HTML 141Page - NXP Semiconductors P5021 Datasheet HTML 142Page - NXP Semiconductors P5021 Datasheet HTML 143Page - NXP Semiconductors P5021 Datasheet HTML 144Page - NXP Semiconductors P5021 Datasheet HTML 145Page - NXP Semiconductors P5021 Datasheet HTML 146Page - NXP Semiconductors P5021 Datasheet HTML 147Page - NXP Semiconductors P5021 Datasheet HTML 148Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Hardware design considerations
Freescale Semiconductor
144
3.6.2
Aurora configuration signals
Correct operation of the Aurora interface requires configuration of a group of system control pins as demonstrated in Figure 57
and Figure 58. Care must be taken to ensure that these pins are maintained at a valid negated state under normal operating
conditions as most have asynchronous behavior and spurious assertion gives unpredictable results.
Freescale recommends that the Aurora 22 pin duplex connector be designed into the system as shown in Figure 59 or the 70 pin
duplex connector be designed into the system as shown in Figure 60.
If the Aurora interface is not used, Freescale recommends the legacy COP header be designed into the system as described in
Section 3.6.1.1, “Termination of unused signals.”
Figure 57. Aurora 22 pin connector duplex pinout
3
13
9
5
1
6
10
15
11
7
16
12
8
4
1
2
TX0+
TX0-
GND
VIO (VSense)
TCK
TMS
TDI
TDO
TRST
Vendor I/O 1
TX1+
TX1-
GND
RX0+
RX0-
17
18
20
19
21
22
GND
RX1+
RX1-
Vendor I/O 0
14
Vendor I/O 3
Vendor I/O 2
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com