Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 145 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 145 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 141Page - NXP Semiconductors P5021 Datasheet HTML 142Page - NXP Semiconductors P5021 Datasheet HTML 143Page - NXP Semiconductors P5021 Datasheet HTML 144Page - NXP Semiconductors P5021 Datasheet HTML 145Page - NXP Semiconductors P5021 Datasheet HTML 146Page - NXP Semiconductors P5021 Datasheet HTML 147Page - NXP Semiconductors P5021 Datasheet HTML 148Page - NXP Semiconductors P5021 Datasheet HTML 149Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 155 page
background image
Hardware design considerations
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
145
Figure 58. Aurora 70 pin connector duplex pinout
3
13
9
5
1
6
10
15
11
7
16
12
8
4
1
2
TX0+
TX0-
GND
VIO (VSense)
TCK
TMS
TDI
TDO
TRST
Vendor I/O 1
TX1+
TX1-
GND
RX0+
RX0-
17
18
20
19
21
22
GND
RX1+
RX1-
Vendor I/O 0
14
Vendor I/O 3
Vendor I/O 2
RESET
25
35
31
27
23
28
32
37
33
29
38
34
30
26
24
GND
TX2+
TX2-
GND
CLK+
CLK-
GND
Vendor I/O 4
Vendor I/O 5
N/C
GND
TX3+
TX3-
GND
RX2+
39
40
42
41
43
44
RX2-
GND
RX3+
GND
36
GND
N/C
N/C
47
57
53
49
50
54
59
55
51
60
56
52
48
45
46
RX3-
GND
TX4+
N/C
GND
N/C
N/C
GND
N/C
GND
TX4-
GND
TX5+
TX5-
GND
61
62
64
63
65
66
TX6+
TX6-
GND
N/C
58
N/C
N/C
GND
68
67
69
70
TX7+
TX7-
N/C
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com