Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 147 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 147 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 143Page - NXP Semiconductors P5021 Datasheet HTML 144Page - NXP Semiconductors P5021 Datasheet HTML 145Page - NXP Semiconductors P5021 Datasheet HTML 146Page - NXP Semiconductors P5021 Datasheet HTML 147Page - NXP Semiconductors P5021 Datasheet HTML 148Page - NXP Semiconductors P5021 Datasheet HTML 149Page - NXP Semiconductors P5021 Datasheet HTML 150Page - NXP Semiconductors P5021 Datasheet HTML 151Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 155 page
background image
Hardware design considerations
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
147
Figure 60. Aurora 70 pin connector duplex interface connection
PORESET
From Target
Board Sources
RESET
22
HRESET
VIO VSense2
2
1 k
Ω
COP_TMS
COP_TDO
COP_TDI
COP_TCK
TMS
TDO
TDI
6
10
8
12
TRST
4
42,47,48,53,54,
29,30,35,36,41,
(if any)
Notes:
TRST1
10 k
Ω
10 k
Ω
10 k
Ω
Duplex 70
HRESET
2. Populate this with a 1 k
Ω resistor for short-circuit/current-limiting protection.
OVDD
10 k
Ω
PORESET1
in order to fully control the processor as shown here.
1. The Aurora port and target board should be able to independently assert PORESET and TRST to the processor
TCK
3
3.This switch is included as a precaution for BSDL testing. The switch should be closed to position A during BSDL testing
to position B.
10 k
Ω
4
4. Asserting HRESET causes a hard reset on the device.
to avoid accidentally asserting the TRST line. If BSDL testing is not being performed, this switch should be closed
A
B
20
Vendor I/O 3 N/C
18
Vendor I/O 2 (Aurora Event Out)
16
Vendor I/O 1 (Aurora Event In)
14
Vendor I/O 0 (Aurora HALT)
5,11,17,23,24,
EVT[4]
EVT[1]
EVT[0]
1
TX0_P
3
TX0_N
SD_TX09_P
SD_TX09_N
7
TX1_P
9
TX1_N
SD_TX08_P
SD_TX08_N
13
RX0_P
15
RX0_N
SD_RX09_P
SD_RX09_N
19
RX1_P
21
RX1_N
SD_RX08_P
SD_RX08_N
3
13
9
5
1
6
10
15
11
7
16
12
8
4
1
2
17
18
20
19
21
22
14
25
35
31
27
23
28
32
37
33
29
38
34
30
26
24
39
40
42
41
43
44
36
47
57
53
49
50
54
59
55
51
60
56
52
48
45
46
61
62
64
63
65
66
58
68
67
69
70
34
Vendor I/O 5 (Aurora HRESET)
32
Vendor I/O 4 N/C
EVT[4]
31,33,37,38,
N/C
39,40,43,44,
45,46,49,50,
51,52,55,56,
57,58,61,62,
63,64,67,68,
25,26,27,28,
69,70
59,60,65,66
Connector
Physical Pinout
10 k
Ω
10 k
Ω
Chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com