Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 151 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 151 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 147Page - NXP Semiconductors P5021 Datasheet HTML 148Page - NXP Semiconductors P5021 Datasheet HTML 149Page - NXP Semiconductors P5021 Datasheet HTML 150Page - NXP Semiconductors P5021 Datasheet HTML 151Page - NXP Semiconductors P5021 Datasheet HTML 152Page - NXP Semiconductors P5021 Datasheet HTML 153Page - NXP Semiconductors P5021 Datasheet HTML 154Page - NXP Semiconductors P5021 Datasheet HTML 155Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 151 / 155 page
background image
Package information
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
151
This figure depicts the primary heat transfer path for a package with an attached heat sink mounted to a printed-circuit board.
Figure 63. Package with heat sink mounted to a printed-circuit board
The heat sink removes most of the heat from the device. Heat generated on the active side of the chip is conducted through the
silicon and through the heat sink attach material (or thermal interface material), and finally to the heat sink. The junction-to-case
thermal resistance is low enough that the heat sink attach material and heat sink thermal resistance are the dominant terms.
3.8.2
Thermal interface materials
A thermal interface material is required at the package-to-heat sink interface to minimize the thermal contact resistance. The
performance of thermal interface materials improves with increasing contact pressure; this performance characteristic chart is
generally provided by the thermal interface vendor. The recommended method of mounting heat sinks on the package is by
means of a spring clip attachment to the printed-circuit board (see Figure 62).
The system board designer can choose among several types of commercially-available thermal interface materials.
4
Package information
The following section describes the detailed content and mechanical description of the package.
4.1
Package parameters for the FC-PBGA
The package parameters are as provided in the following list. The package type is 37.5 mm
× 37.5 mm, 1295 flip-chip,
plastic-ball, grid array (FC-PBGA).
Package outline
37.5 mm
× 37.5 mm
Interconnects
1295
Ball Pitch
1.0 mm
Ball Diameter (typical)
0.60 mm
Solder Balls
96.5% Sn, 3% Ag, 0.5% Cu
Module height (typical)
2.88 mm to 3.53 mm (Maximum)
External resistance
External resistance
Internal resistance
Radiation
Convection
Radiation
Convection
Heat sink
Printed-circuit board
Thermal interface material
Package/solder balls
Die junction
Die/Package
(Note the internal versus external package resistance)
Junction to lid top
Junction to case top



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com