Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 154 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 154 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 147Page - NXP Semiconductors P5021 Datasheet HTML 148Page - NXP Semiconductors P5021 Datasheet HTML 149Page - NXP Semiconductors P5021 Datasheet HTML 150Page - NXP Semiconductors P5021 Datasheet HTML 151Page - NXP Semiconductors P5021 Datasheet HTML 152Page - NXP Semiconductors P5021 Datasheet HTML 153Page - NXP Semiconductors P5021 Datasheet HTML 154Page - NXP Semiconductors P5021 Datasheet HTML 155Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 154 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Revision history
Freescale Semiconductor
154
6.2
Orderable part numbers addressed by this document
This table provides the Freescale orderable part numbers addressed by this document for the chip. Contact your Freescale Sales
Representative for more information on orderable parts as not all combinations of orderable part numbers are available.
7
Revision history
This table provides a revision history for this document.
Table 109. Orderable part numbers addressed by this document
Part
number
pn
nn
n
x
t
e
n
cd
r
P5021
P
5
02 = 2 cores
1
P =
Prototype
N=
Qualified
•S = Std
temp (0
°C
to 105
°C
• X = Ext
temp
(–40
°C to
105
°C)
• E = SEC
present
• N = SEC
not
present
1 =
FC-PBGA
lead-free
7=
FC-PBGA
C4/C5
lead-free
•TM =
1800 MHz/
1200 MHz
•VN =
2000 MHz/
1333 MHz
•2Q =
2200 MHz/
1600 MHz
B = Rev
2.0
C = Rev
2.1
Table 110. Revision history
Rev.
Number
Date
Description
1
05/2014
• Includes two SATA controllers
• Updated block diagram
•In Table 1 “Pins listed by bus,” updated footnote 42.
•In Table 9 “VDD_LP power dissipation,” updated footnote 2.
0
12/2013
• Initial public release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com