Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5021 Datasheet(PDF) 149 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 149 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 145Page - NXP Semiconductors P5021 Datasheet HTML 146Page - NXP Semiconductors P5021 Datasheet HTML 147Page - NXP Semiconductors P5021 Datasheet HTML 148Page - NXP Semiconductors P5021 Datasheet HTML 149Page - NXP Semiconductors P5021 Datasheet HTML 150Page - NXP Semiconductors P5021 Datasheet HTML 151Page - NXP Semiconductors P5021 Datasheet HTML 152Page - NXP Semiconductors P5021 Datasheet HTML 153Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 155 page
background image
Hardware design considerations
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
149
In the RCW configuration field for each bank SRDS_LPD_Bn with unused lanes, the respective bit for each unused lane must
be set to power down the lane.
3.6.4
USB controller connections
This section details the hardware connections required for the USB controllers.
3.6.4.1
USB divider network
This figure shows the required divider network for the VBUS interface for the chip. Additional requirements for the external
components are as follows:
•
Both resistors require 0.1% accuracy and a current capability of up to 1 mA. They must both have the same temperature
coefficient and accuracy.
•
The zener diode must have a value of 5 V
−5.25 V.
•
The 0.6 V diode requires an IF = 10 mA, IR < 500 nA and VF(Max) = 0.8 V.
Figure 61. Divider network at VBUS
USB1_DRVVBUS and USB1_PWRFAULT are muxed on GPIO[4:5] pins, respectively. USB2_DRVVBUS and
USB2_PWRFAULT are muxed on GPIO[6:7] pins, respectively. Setting the RCW[GPIO] bit selects USB functionality on the
GPIO pins.
3.6.4.2
USBn_VDD_1P8_DECAP capacitor options
T
he USBn_VDD_1P8_DECAP pins require a capacitor connected to GND. This table list the recommended capacitors for the
USBn_VDD_1P8_DECAP signal.
Table 107. Recommended capacitor parts for USBn_VDD_1P8_DECAP
Manufacturer
Part Number
Value
ESR
Package
Kemet
T494B105(1)025A(2)
1
μF, 25 V
2
Ω
B(3528)
T494B155(1)025A(2)
1.5
μF, 25 V
1.5
Ω
—
NIC
NMC0603X7R106KTRPF
1
μF, 10 V
Low ESR
0603
TDK Corporation
CERB2CX5R0G105M
1
μF, 4 V
200 m-
Ω
0603
Vishay
TR3B105(1)035(2)1500
1
μF, 35 V
1.5
Ω
B(3528)
USBn_DRVVBUS
18.1 k
Ω
USBn_VBUS_CLMP
51.2 k
Ω
Chip
5 VZ
0.6 VF
USBn_PWRFAULT
VBUS Charge
Pump
VBUS
(USB Connector)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com