Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 104 page
background image
Data Sheet
ADIN1110
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 24 of 104
SYSTEM LEVEL POWER MANAGEMENT
Transmit Level = 1.0 V p-p
The transmit mode of 1.0 V p-p can be used for shorter reach
applications supporting cable lengths up to 400 m where signal
amplitude requirements tend to be lower.
For applications where the ADIN1110 must operate in a 1.0 V p-p
transmit operating mode, the TX2P4_EN pin must be tied high via
a 4.7 kΩ resistor (see Figure 13). This configuration forces the
ADIN1110 to only operate at 1.0 V p-p transmit operating mode
and enables the operation of the ADIN1110 from a signal supply
voltage, operating at a lower voltage rail (for example, 1.8 V),
allowing the user to minimize power dissipation in the system.
Figure 13. Supplies and Capacitors for 1.0 V p-p Transmit Mode
Transmit Level = 2.4 V p-p
For longer reach applications, a higher signal amplitude of 2.4 V p-p
is required. The ADIN1110 is designed to operate with long reach
cables up to 1000 m in this mode, requiring a higher AVDD_H
supply voltage of 3.3 V.
For the ADIN1110 to be able to operate in 2.4 V p-p, the TX2P4_EN
pin must be tied low (no external connection required to achieve
this due to the presence of an internal pull-down resistor). This
mode of operation still allows the 1.0 V p-p operating mode to be
selected via MDIO or via autonegotiation.
Figure 14 shows an overview of the proposed power configuration.
For single supply operation, the same rail can be used to supply the
AVDD_H, AVDD_L, and VDDIO supply rails. The DVDD_1P1 1.1 V
rail can be derived internally or alternatively provided by an external
1.1 V rail. Note that this configuration requires that AVDD_H is 3.3
V even if the link is established at 1.0 V p-p transmit operating
mode via MDIO or autonegotiation.
Figure 14. Supplies and Capacitors for 2.4 V p-p and 1.0 V p-p Transmit Mode
LED CIRCUIT EXAMPLES
The LED_0 and LED_1 pins can be used in various circuit configu-
rations depending on the LED polarity mode selected (see LED
Polarity Register). The example circuits described in this section
provide examples for the three polarity modes available for each
LED, as follows:
►
Autosense (default)
►
Active low
►
Active high
As described in the LED Functions section, the maximum output
current for both LED_0 and LED_1 is 8 mA with a VDDIO =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com