Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 104 page
background image
Data Sheet
ADIN1110
MAC SPI
analog.com
Rev. 0 | 38 of 104
►
Transmit Buffer Overflow. Occurs when attempting to write trans-
mit frame data to the MAC-PHY when there is no transmit buffer
space available as indicated by the transmit credit field (TXC) of
the previous data footer. In this condition, the MAC-PHY ignores
the transmit data chunk and sets the host transmit FIFO overflow
bit, and the frame data already in the buffer is dropped.
►
Transmit Buffer Under Run. This error can only occur in cut
through mode. The SPI host must always send frame data to
the MAC-PHY faster than the network to avoid this error. When
this error occurs, the host transmit FIFO under run error bit is
set, and the MAC-PHY terminates the frame being transmitted
in a way that invalidates the frame. Additionally, the MAC-PHY
ignores any additional frame data received from the SPI host
until it receives an end of frame indication (EV = 1).
►
Loss of Framing Error. This error occurs when the CS signal is
deasserted before the expected end of the data chunk or control
command. The MAC-PHY and the loss of frame error is set, any
transmit frame in progress is dropped, and any receive frame in
progress of being sent to the SPI host is terminated.
►
Receive Buffer Overflow. This error occurs when the SPI host
does not read frame data from the MAC-PHY fast enough. This
error can occur both in store and forward and cut through modes.
When this error occurs, the MAC-PHY terminates the frame
being received from the PHY. In store and forward mode, no
portion of the frame is transferred to the SPI host. In cut through
mode, the MAC-PHY terminates the frame (EV = 1) with frame
drop set (FD = 1).
►
Control Data Protection Error. The control data protection error
(CDPE) and the loss of frame error (LOFE) bits assert when
protection is enabled on the OPEN Alliance SPI and there is an
error on write data received from the host. The write does not
complete in this case.
If possible, the software executes the write again. If software
does not know which configuration register was written, the de-
vice might not be configured properly. In this case, the MAC must
be reset by writing the RST_MAC_ONLY keys to the software
reset register.
FRAME FILTERING ON RECEIVE
By default, the device filters all frames received. To receive frames,
set up the address filtering table, or the default operation for all
received frames can be changed.
The device can be configured to filter up to 16 different MAC
addresses based on the destination MAC address (DA).
To receive frames with a particular DA, that DA has to be program-
med to one of the 16 ADDR_FILT_x registers. Each register is 32
bits wide. Therefore, for example, to program a DA of 0800 005A
646B to ADDR_FILT[0], write the following:
1. 0x0800 to ADDR_FILT_UPR0.
2. 0x005A6468 to ADDR_FILT_LWR0.
To forward frames with this DA to the host, set the TO_HOST
bit within the ADDR_FILT_UPRn to 1. To apply this rule, set the
APPLY2PORT1 bit to 1.
MAC addresses can be masked using the ADDR_MSK_x registers.
For example, to receive all the MAC addresses in the range 0x8000
005A 64xx, write:
1. 0xFFFF to ADDR_MSK_UPR0.
2. 0XFFFFFF00 to ADDR_MSK_LWR0.
Frames that do not match any of the 16 ADDR_FILT_x registers
are dropped by default. If the P1_FWD_UNK2HOST bits within the
HOST_CFG register are set to 1, all frames that do not match a DA
are forwarded to the host. Figure 29 shows the filtering algorithm.
Figure 29. Filtering Algorithm
Frames received with a bad CRC or with RX_ER asserted from the
PHY, as well as runt and jabber frames, are dropped and counted.
Receive Priority Queues
There are two different FIFOs on receive: a high priority FIFO and a
low priority FIFO.
By default, the low priority FIFO is configured to 12 kB, and the
high priority FIFO is configured to 8 kB. The sizes of these FIFOs
can be changed before receiving or transmitting any frames via
the P1_RX_LO_SIZE and P1_RX_HI_SIZE fields in the FIFO_SIZE
register.
Frames are always returned from the high priority FIFO first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com