Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 100 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 100 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 96Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 97Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 98Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 99Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 100Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 101Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 102Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 103Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 104Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 100 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 100 of 104
Frame Generator Control/Restart Register
Device Address: 0x1F; Register Address: 0x8021, Reset: 0x0001, Name: FG_CNTRL_RSTRT
This register controls the frame generator. The FG_CNTRL bit field specifies data field type used by the frame generator, for example, random
all zeros. The FG_RSTRT bit restarts the frame generator.
Table 207. Bit Descriptions for FG_CNTRL_RSTRT
Bits
Bit Name
Description
Reset
Access
[15:4]
RESERVED
Reserved.
0x0
R
3
FG_RSTRT
Frame Generator Restart. When set, this bit restarts the frame generator. This bit is self clearing
0x0
R/W SC
[2:0]
FG_CNTRL
Frame Generator Control.
0x1
R/W
000: no frames after completion of current frame.
001: random number data frame.
010: all zeros data frame.
011: all ones data frame.
100: alternative 0x55 data field.
101: data field decrementing from 255 (decimal) to 0.
Frame Generator Continuous Mode Enable Register
Device Address: 0x1F; Register Address: 0x8022, Reset: 0x0000, Name: FG_CONT_MODE_EN
This register is used to put the frame generator into continuous mode. The default mode of operation is burst mode, where the number of
frames generated is specified by the FG_NFRM_H and FG_NFRM_L registers.
Table 208. Bit Descriptions for FG_CONT_MODE_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FG_CONT_MODE_EN
Frame Generator Continuous Mode Enable. This bit is used to put the frame generator into
continuous mode or burst mode.
0x0
R/W
1: frame generator operates in continuous mode. In this mode, the frame generator keeps
generating frames indefinitely.
0: frame generator operates in burst mode. In this mode, the frame generator generates
a single burst of frames and then stops. The number of frames is determined by the
FG_NFRM_H and FG_NFRM_L registers.
Frame Generator Interrupt Enable Register
Device Address: 0x1F; Register Address: 0x8023, Reset: 0x0000, Name: FG_IRQ_EN
This register is used to enable the frame generator interrupt. An interrupt is generated when the requested number of frames is generated.
Enable the frame checker/generator interrupt in the PHY_SUBSYS_IRQ_MASK register. Set the MAC_IF_FC_FG_IRQ_EN bit.
The interrupt status can be read via the MAC_IF_FC_FG_IRQ_LH bit in the PHY_SUBSYS_IRQ_STATUS register.
Table 209. Bit Descriptions for FG_IRQ_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
FG_IRQ_EN
Frame Generator Interrupt Enable. When set, this bit indicates that the frame generator must generate an
interrupt when it has transmitted the programmed number of frames.
0x0
R/W
1: enable the frame generator interrupt.
0: disable the frame generator interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com