Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
Data Sheet
ADIN1110
BRINGING UP 10BASE-T1L LINKS
analog.com
Rev. 0 | 19 of 104
The ADIN1110 can also be configured to advertise a request for 2.4
V p-p transmit level operation (if B10L_TX_LVL_HI_ABLE = 1). This
is set using the 10BASE-T1L high level transmit operating mode
request bit (AN_ADV_B10L_TX_LVL_HI_REQ). 0 = request 1.0 V
p-p transmit level, and 1 = request 2.4 V p-p transmit level.
The link partner advertised transmit level ability can be read in
the link partner 10BASE-T1L high level transmit operating mode
ability register bit (AN_LP_ADV_B10L_TX_LVL_HI_ABL). The link
partner advertised transmit level request can be read in the link
partner 10BASE-T1L high level transmit operating mode request
register bit (AN_LP_ADV_B10L_TX_LVL_HI_REQ). These bits are
updated during the autonegotiation process and are valid when the
autonegotiation complete register bit (AN_COMPLETE) is set.
Operation at the 1.0 V p-p transmit level operation occurs if either
the local or remote PHY advertises that it is not capable of transmit-
ting in the high level (2.4 V p-p) transmit operating mode, or if
neither the local nor remote PHY advertises a request for high level
(2.4 V p-p) transmit operating mode.
Operation at the 2.4 V p-p transmit level occurs if both the local
and remote PHY advertises that they are capable of transmitting in
the high level (2.4 V p-p) transmit operating mode, and if either the
local or remote PHY advertises a request for high level (2.4 V p-p)
transmit operating mode.
Therefore, a PHY can ensure it must operate at 1.0 V p-p transmit
level, but it can only request operation at the 2.4 V p-p transmit
level.
Table 15. Determination of Transmit Level by Autonegotiation1
HI_ABL2
HI_REQ
LP_HI_ABL
LP_HI_REQ
Transmit Level
0
X
0
X
1.0 V p-p
1
X
0
X
1.0 V p-p
0
X
1
X
1.0 V p-p
1
0
1
0
1.0 V p-p
1
0
1
1
2.4 V p-p
1
1
1
0
2.4 V p-p
1
1
1
1
2.4 V p-p
1 X means don't care.
2 HI_ABL, HI_REQ, LP_HI_ABL, and LP_HI_REQ refer to the advertisement bits
AN_LP_ADV_B10L_TX_LVL_HI_ABL, AN_LP_ADV_B10L_TX_LVL_HI_REQ,
AN_ADV_B10L_TX_LVL_HI_ABL, and AN_ADV_B10L_TX_LVL_HI_REQ, re-
spectively.
Advertisement of Master/Slave
The 10BASE-T1L standard uses what is known as a master/slave
clock scheme. This scheme is commonly used in full duplex trans-
ceiver standards using echo cancellation. One PHY is designated
as the master and the other PHY as the slave. Autonegotiation is
used to agree which PHY is the master and which is the slave, and
it generally doesn’t matter which PHY is which.
The ADIN1110 has an internal pull-down resistor on the MS_SEL
pin, which results in a default setting of configuring the PHY to
advertise prefer slave. It is recommended to either use the default
setting of advertise prefer slave or to use a setting of advertise
prefer master.
If it is mandatory for the PHY to operate as master, use an
advertise forced master configuration. However, this configuration
must be used with caution because if remote end is also forced
master, there is a configuration fault, autonegotiation fails, and the
link is not brought up.
The force master/slave configuration register bit
(AN_ADV_FORCE_MS) is used to configure the PHY to advertise
its master/slave configuration as a preference or as a forced value,
as follows: 0 = master/slave configuration is a preferred mode, and
1 = master/slave configuration is a forced mode.
The master/slave configuration register bit (AN_ADV_MST) is used
to configure the PHY to advertise its master/slave configuration, as
follows: 0 = slave and 1 = master.
The link partner advertised master/slave setting can be read
in the link partner force master/slave configuration register bit
(AN_LP_ADV_FORCE_MS) and the link partner master/slave con-
figuration register bit (AN_LP_ADV_MST). These bits are updated
during the autonegotiation process and are valid when the autone-
gotiation complete register bit (AN_COMPLETE) is set.
When the local and remote PHY have the same preferred con-
figuration (for example, both slave or both master), a random
process is used to determine which is the master and which is the
slave. When one PHY has a forced configuration, its master/slave
configuration is given priority over a PHY with a preferred setting
where both PHYs have the same master/slave configuration. If
both PHYs have a forced configuration and the same master/slave
configuration, configuration fault occurs and autonegotiation fails.
The resolution of master/slave can be read using the master/slave
resolution result register bits (AN_MS_CONFIG_RSLTN). This re-
sult indicates if the PHY is configured as a slave or a master or
if there was a configuration fault. These bits are updated during
the autonegotiation process and are valid when the autonegotiation
complete register bit (AN_COMPLETE) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com