Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 51 of 104
Transmit Time Stamp Capture Register B (High)
Address: 0x12, Reset: 0x00000000, Name: TTSCBH
This field contains the upper 32 bits of the captured time stamp for when the requested frame was transmitted.
Table 48. Bit Descriptions for TTSCBH
Bits
Bit Name
Description
Reset
Access
[31:0]
TTSCH_B
Transmit Time Stamp B. Bits[63:32].
0x0
R
Transmit Time Stamp Capture Register B (Low)
Address: 0x13, Reset: 0x00000000, Name: TTSCBL
This field contains the lower 32 bits of the captured time stamp for when the requested frame was transmitted.
Table 49. Bit Descriptions for TTSCBL
Bits
Bit Name
Description
Reset
Access
[31:0]
TTSCL_B
Transmit Time Stamp B. Bits[31:0].
0x0
R
Transmit Time Stamp Capture Register C (High)
Address: 0x14, Reset: 0x00000000, Name: TTSCCH
This field contains the upper 32 bits of the captured time stamp for when the requested frame was transmitted.
Table 50. Bit Descriptions for TTSCCH
Bits
Bit Name
Description
Reset
Access
[31:0]
TTSCH_C
Transmit Time Stamp C. Bits[63:32].
0x0
R
Transmit Time Stamp Capture Register C (Low)
Address: 0x15, Reset: 0x00000000, Name: TTSCCL
This field contains the lower 32 bits of the captured time stamp for when the requested frame was transmitted.
Table 51. Bit Descriptions for TTSCCL
Bits
Bit Name
Description
Reset
Access
[31:0]
TTSCL_C
Transmit Time Stamp C. Bits[31:0].
0x0
R
MDIO Access Registers
Address: 0x20 to 0x27 (Increments of 1), Reset: 0x8C000000, Name: MDIOACCn
Use this register to access the PHY registers via the SPI to MDIO bridge.
Table 52. Bit Descriptions for MDIOACCn
Bits
Bit Name
Description
Reset
Access
31
MDIO_TRDONE
Transaction Done. This bit must be written to 0 by the SPI host to initiate an MDIO transaction. The
MAC-PHY sets this bit to 1 when the MDIO transaction has completed.
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com