Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADIN1110BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
Data Sheet
ADIN1110
Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
10BASE-T1L IEEE Standard 802.3cg-2019 compliant
►
Integrated MAC with SPI
►
SPI supporting 10 Mbps full duplex
►
Supports OPEN Alliance 10BASE-T1x MAC-PHY serial
interface
►
Low power consumption: dual supply 42 mW typical
►
Supports 1.0 V p-p and 2.4 V p-p transmit levels
►
Autonegotiation capability
►
Supports intrinsic safety applications
►
External termination resistors
►
Separate receive and transmit pins
►
MDIO memory map accessible via SPI
►
On-chip FIFOs: 20 kB receive, 8 kB transmit (configurable)
►
Cut through or store and forward operation
►
Receive high and low priority queues
►
IEEE 1588 timestamp support
►
Statistics counters
►
16 MAC addresses supported for frame filtering
►
Unmanaged configuration using pin strapping including
►
Master/slave selection
►
Transmit amplitude
►
25 MHz crystal oscillator/25 MHz external clock input
►
Single supply 1.8 V/3.3 V operation (mode dependent)
►
Cable reach
►
Up to 1700 meters with 1.0 V p-p
►
Up to 1700 meters with 2.4 V p-p
►
EMC test standards
►
IEC 61000-4-4 electrical fast transient (±4 kV)
►
IEC 61000-4-2 ESD (±4 kV contact discharge)
►
IEC 61000-4-2 ESD (±8 kV air discharge)
►
IEC 61000-4-6 conducted immunity (10 V/m)
►
IEC 61000-4-5 surge (±4 kV)
►
IEC 61000-4-3 radiated immunity (Class A)
►
EN55032 radiated emissions (Class B)
►
Link LED
►
Small package: 40-lead (6 mm × 6 mm) LFCSP
►
Wide temperature range: −40°C to +105°C
APPLICATIONS
►
Field instruments
►
Flow meters
►
Pressure and temperature transducers
►
Building automation
►
Actuators
►
Fire panels
►
Elevators
►
Edge node sensors
►
Factory automation
GENERAL DESCRIPTION
The ADIN1110 is an ultra low power, single port, 10BASE-T1L
transceiver design for industrial Ethernet applications and is com-
pliant with the IEEE® 802.3cg-2019™ Ethernet standard for long
reach, 10 Mbps single pair Ethernet (SPE). Featuring an integrated
media access control (MAC) interface, the ADIN1110 enables direct
connectivity with a variety of host controllers via a serial peripheral
interface (SPI). This SPI enables the use of lower power processors
without an integrated MAC, which provides for the lowest overall
system level power consumption. The ADIN1110 is designed for
edge node sensors and field instruments deployed in building,
factor, and process automation.
The device operates from a single power supply rail of 1.8 V or
3.3 V. Supporting both 1.0 V and 2.4 V amplitude modes of opera-
tions and external termination resistors, the ADIN1110 supports use
within intrinsically safe environments. The programmable transmit
levels, external termination resistors, and independent receive and
transmit pins make the ADIN1110 suited to intrinsic safety applica-
tions.
The ADIN1110 has an integrated voltage supply monitoring and
power-on reset (POR) circuitry to improve system level robustness,
and has a 4-wire SPI for communication between the MAC inter-
face and host processor.
The ADIN1110 is available in a 40-lead, 6 mm × 6 mm lead frame
chip scale package (LFCSP).
Table 1. Related Products
Product
Description
ADIN1100
Robust, industrial, low power 10BASE-T1L Ethernet PHY in
40-lead (6 mm × 6 mm) LFCSP


Similar Part No. - ADIN1110BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIN1110BCPZ-R7 AD-ADIN1110BCPZ-R7 Datasheet
1Mb / 107P
Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
Rev. B
More results

Similar Description - ADIN1110BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L80227 ETC1-L80227 Datasheet
689Kb / 140P
10BASE-T/ 100BASE-TX Ethernet PHY
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
10/100 Ethernet MAC and PHY
logo
Texas Instruments
DP83TD510L TI-DP83TD510L Datasheet
1Mb / 45P
DP83TD510E Ultra Low Power 802.3cg 10Base-T1L 10M Single Pair Ethernet PHY
logo
Microchip Technology
LAN7430 MICROCHIP-LAN7430 Datasheet
1Mb / 77P
Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
05/14/19
logo
Analog Devices
ADIN1100 AD-ADIN1100 Datasheet
696Kb / 50P
Robust, Industrial, Low Power 10BASE-T1L Ethernet PHY
ADIN2111 AD-ADIN2111 Datasheet
1Mb / 125P
Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
12/2021-Revision 0
logo
Microchip Technology
LAN8670 MICROCHIP-LAN8670 Datasheet
575Kb / 30P
10BASE-T1S Ethernet PHY Transceiver Product Brief
logo
Analog Devices
ADIN1100 AD-ADIN1100_V01 Datasheet
1Mb / 78P
Robust, Industrial, Low Power 10BASE-T1L PHY
Rev. 0
logo
ON Semiconductor
NCN26010 ONSEMI-NCN26010 Datasheet
454Kb / 57P
10 Mb/s Industrial Ethernet MAC PHY IC Controller
June, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com