Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 57 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 57 of 104
Table 68. Bit Descriptions for ADDR_FILT_UPRn
Bits
Bit Name
Description
Reset
Access
1: apply to Port 1. Apply this table entry/rule to frames received on Port 1.
[29:20]
RESERVED
Reserved.
0x0
R
19
HOST_PRI
Host Rx Port Priority. On the receive port to the host, there are two FIFOs: low and high priority.
This field determines which FIFO the frame is placed in. 0 = low priority, and 1 = high priority.
By default, memory resources are provided for a high priority FIFO. However, if the memory
assigned to the high priority FIFO is moved to another FIFO by writing to the FIFO_SIZE register,
this field must not be set to 1.
0x0
R/W
[18:17]
RESERVED
Reserved.
0x0
R
16
TO_HOST
Forward Frames Matching This MAC Address to the Host. If APPLY2PORT1 is set to 1 and
TO_HOST is 1, frames matching this DA are forwarded to the host. If TO_HOST is 0, frames
matching the DA for this entry are dropped.
0x0
R/W
[15:0]
MAC_ADDR, Bits[47:32]
MAC Address.
0x0
R/W
MAC Address DA Filter Lower 32 Bits Registers
Address: 0x51 to 0x6F (Increments of 2), Reset: 0x00000000, Name: ADDR_FILT_LWRn
Contains the lower 32 bits of a MAC address in the DA filter table.
A write to one of these registers must be preceded by a write to the corresponding ADDR_FILT_UPRn register.
Table 69. Bit Descriptions for ADDR_FILT_LWRn
Bits
Bit Name
Description
Reset
Access
[31:0]
MAC_ADDR, Bits[31:0]
MAC Address.
0x0
R/W
Upper 16 Bits of the MAC Address Mask Register
Address: 0x70 to 0x72 (Increments of 2), Reset: 0x0000FFFF, Name: ADDR_MSK_UPRn
The upper 16 bits of a MAC address mask in the DA mask table.
When writing the ADDR_MSK_x registers, all two register locations must be written in order for a given table entry. They must be written in
order with the UPR register written first and the LWR register written last.
Table 70. Bit Descriptions for ADDR_MSK_UPRn
Bits
Bit Name
Description
Reset
Access
[31:16]
RESERVED
Reserved.
0x0
R
[15:0]
MAC_ADDR_MASK, Bits[47:32]
MAC Address Bit Mask for the Address Table.
0xFFFF
R/W
Lower 32 Bits of the MAC Address Mask Register
Address: 0x71 to 0x73 (Increments of 2), Reset: 0xFFFFFFFF, Name: ADDR_MSK_LWRn
The lower 32 bits of a MAC address mask in the DA mask table.
When writing the ADDR_MSK_x registers, all two register locations must be written in order for a given table entry. The register locations must
be written in order with the UPR register written first and the LWR register written last.
Table 71. Bit Descriptions for ADDR_MSK_LWRn
Bits
Bit Name
Description
Reset
Access
[31:0]
MAC_ADDR_MASK, Bits[31:0]
MAC Address Bit Mask for the Address Table.
0xFFFFFFFF
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com