Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 104 page
background image
Data Sheet
ADIN1110
HARDWARE CONFIGURATION PINS
analog.com
Rev. 0 | 16 of 104
The ADIN1110 can operate in unmanaged or managed applica-
tions. In unmanaged applications, it is possible to configure the
desired link configuration of the MAC-PHY from hardware configu-
ration pins without any software intervention. After coming out of
reset, the MAC-PHY attempts to bring up a link. Note that for
an unmanaged application, the MAC-PHY must not be hardware
configured to enter software power-down mode.
In managed applications, software is available to configure the
MAC-PHY via the management interface. In this case, the user can
configure the MAC-PHY to enter software power-down after reset.
Software can then intervene to configure the device as required
and bring the device out of software power-down to allow linking to
establish.
Hardware configuration pins are often shared with functional pins,
and the voltage level on the pin is sensed and latched upon exiting
from a reset. All hardware configuration pins are 2-level sense
using a pull-down or pull-up resistor.
HARDWARE CONFIGURATION PIN
FUNCTIONS
The following functions are configurable from the ADIN1110 hard-
ware configuration pins:
►
Software power-down mode after reset
►
Transmit amplitude configuration
►
Master/slave selection
►
SPI protocol configuration
All of the hardware configuration pins have internal pull-down resis-
tors. The default mode of operation without any external resistors
connected to these pins is shown in Table 10. If an alternative mode
of operation is required, use 4.7 kΩ pull-up resistors.
Table 10. Default Hardware Configuration Modes
Hardware Configuration Pin Function Default Mode
Software Power-Down Mode after
Reset
PHY in software power-down mode
after reset
Master/Slave Selection
Prefer slave
Transmit Amplitude
1.0 V p-p and 2.4 V p-p
SPI Protocol Configuration
OPEN Alliance protocol with protection
Software Power-Down After Reset
If the ADIN1110 is configured so that it does not enter software
power-down mode after reset, the ADIN1110 starts autonegotiation
when it exits reset and attempts to bring up a link after autonego-
tiation completes. If the ADIN1110 is configured so that it enters
software power-down mode after reset, the ADIN1110 waits in
software power-down mode until it is configured over the SPI.
At this point, the PHY configuration can be set to exit software
power-down by software.
Table 11. Software Power-Down (Hardware Configuration)
Software Power-Down Configuration
SWPD_EN
PHY in software power-down after reset
0
PHY not in software power-down
1
Master/Slave Preference
The MS_SEL hardware configuration pin is shared with the
TS_TIMER pin and configures the default master/slave selection.
If MS_SEL is pulled low during power-up or reset, the device
is configured by default to prefer slave (this is the case if no
external pull-up resistor is connected to the MS_SEL pin due to the
presence of the internal pull-down resistor). If MS_SEL is pulled
high during power-up or reset, the device is configured by default to
prefer master.
If autonegotiation is disabled, MS_SEL sets the default mas-
ter/slave selection. Autonegotiation is enabled by default for the
ADIN1110 and it is strongly recommended that autonegotiation is
always enabled.
During autonegotiation, when prefer slave is selected and the
remote end is prefer or forced master, the local PHY is set to slave
(and remote to master). When the remote end is prefer or forced
slave, the local PHY is set to master (and remote to slave).
Table 12. Master/Slave Selection (Hardware Configuration)
Master/Slave Selection
MS_SEL
Prefer Slave Selection
0
Prefer Master Selection
1
Transmit Amplitude
The TX2P4_EN hardware configuration pin allows the user to
configure the required transmit amplitude mode for the intended ap-
plication (see Table 13). If TX2P4_EN is pulled low, the ADIN1110
is configured by default to support both 1.0 V p-p and 2.4 V p-p
transmit levels, decided by autonegotiation. If TX2P4_EN is pulled
high, the ADIN1110 is configured to disable 2.4 V p-p transmit
operating mode by default and operate with 1.0 V p-p transmit
level only. If the TX2P4_EN pin is strapped high (1.0 V p-p only),
the associated register cannot be changed through the SPI. For
example, 2.4 V p-p operation is not possible if the ADIN1110 is
hardware pin configured for 1.0 V p-p only.
The 1.0 V p-p transmit operating mode supports the spur use case
and can operate at a lower AVDD_H supply voltage of 1.8 V. This
supports intrinsic safe applications.
The higher transmit operating mode of 2.4 V p-p supports trunk
applications and requires a higher AVDD_H supply voltage of 3.3
V. This mode can be used for longer cable lengths in industrial
Ethernet environments with high noise levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com