Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 44 of 104
PHY Identification Register
Address: 0x01, Reset: 0x0283BC91, Name: PHYID
Table 36. Bit Descriptions for PHYID
Bits
Bit Name
Description
Reset
Access
[31:10]
OUI
Organizationally Unique Identifier (Bits[23:2]). The 22 bits in the OUI field correspond to the 22 most
significant bits of the manufacturer’s assigned 24-bit organizationally unique identifier (OUI). The OUI is
arranged into the PHYID register such that OUI Bit 2 is located at PHYID Bit 31, and OUI Bit 23 is located at
PHYID Bit 10.
0xA0EF
R
[9:4]
MODEL
Manufacturer’s Model Number. The manufacturer’s model number is used to identify the device.
0x9
R
[3:0]
REVISION
Manufacturer’s Revision Number. The manufacturer’s product revision number is used to indicate a revision
level of the device.
0x1
R
Supported Capabilities Register
Address: 0x02, Reset: 0x000006C3, Name: CAPABILITY
Table 37. Bit Descriptions for CAPABILITY
Bits
Bit Name
Description
Reset
Access
[31:11]
RESERVED
Reserved.
0x0
R
10
TXFCSVC
Transmit Frame Check Sequence Validation Capability. Indicates the ability to validate the FCS appended by
and received from the SPI host. When this bit is set it also indicates the ability of the MAC to be configured to
accept egress frames with padding and FCS appended by the SPI host, and send ingress frames to the SPI
host with the received FCS.
0x1
R
0: transmit FCS validation is not supported.
1: transmit FCS validation is supported.
9
IPRAC
Indirect PHY Register Access Capability. Indicates if PHY registers are directly accessible within the SPI
register memory space.
0x1
R
0: PHY registers are not indirectly accessible.
1: PHY registers are indirectly accessible.
8
DPRAC
Direct PHY Register Access Capability. Indicates if PHY registers are directly accessible within the SPI
register memory space.
0x0
R
0: PHY registers are not directly accessible.
1: PHY registers are directly accessible.
7
CTC
Cut Through Capability. Indicates if the MAC-PHY device supports cut through transfer of frames through the
MAC-PHY to and from the network.
0x1
R
0: cut through not supported.
1: cut through supported.
6
FTSC
Frame Time Stamp Capability. Frame Time Stamp Capability. Indicates if the MAC-PHY device supports the
capturing of IEEE 1588 time stamps on frame receive from or transmit to the network.
0x1
R
1: IEEE 1588 time stamp capture on frame Tx/Rx is supported.
0: IEEE 1588 time stamp capture on frame Tx/Rx is not supported.
5
AIDC
Address Increment Disable Capability. Indicates if the MAC-PHY device supports the disabling of the
automatic post-incrementing of the register address in control command reads and writes through the AID bit
in the control command header. Address increment disable is not supported. This field is only used with the
OPEN Alliance SPI protocol.
0x0
R
4
SEQC
Tx Data Chunk Sequence and Retry Capability. Indicates if the MAC-PHY supports monitoring the SEQ bit
sent by the SPI host in the Tx data chunk header and the retry of Tx data chunks. This field is only used with
the OPEN Alliance SPI protocol.
0x0
R
1: Tx data chunk sequence and retry is supported.
0: Tx data chunk sequence and retry is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com