Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 43 of 104
Table 34. SPI Register Map
Address
Name
Description
Reset
Access
0x88
TS_TIMER_START
TS_TIMER Counter Start Time Register.
0x00000000
R/W
0x89
TS_EXT_CAPT0
TS_CAPT Pin 0 Time Stamp Register.
0x00000000
R
0x8A
TS_EXT_CAPT1
TS_CAPT Pin 1 Time Stamp Register.
0x00000000
R
0x8B
TS_FREECNT_CAPT
TS_CAPT Free Running Counter Register.
0x00000000
R
0x90
P1_RX_FSIZE
P1 MAC Rx Frame Size Register.
0x00000000
R
0x91
P1_RX
P1 MAC Receive Register.
0x00000000
R
0xA0
P1_RX_FRM_CNT
P1 Rx Frame Count Register.
0x00000000
R
0xA1
P1_RX_BCAST_CNT
P1 Rx Broadcast Frame Count Register.
0x00000000
R
0xA2
P1_RX_MCAST_CNT
P1 Rx Multicast Frame Count Register.
0x00000000
R
0xA3
P1_RX_UCAST_CNT
P1 Rx Unicast Frame Count Register.
0x00000000
R
0xA4
P1_RX_CRC_ERR_CNT
P1 Rx CRC Errored Frame Count Register.
0x00000000
R
0xA5
P1_RX_ALGN_ERR_CNT
P1 Rx Align Error Count Register.
0x00000000
R
0xA6
P1_RX_LS_ERR_CNT
P1 Rx Long/Short Frame Error Count Register.
0x00000000
R
0xA7
P1_RX_PHY_ERR_CNT
P1 Rx PHY Error Count Register.
0x00000000
R
0xA8
P1_TX_FRM_CNT
P1 Tx Frame Count Register.
0x00000000
R
0xA9
P1_TX_BCAST_CNT
P1 Tx Broadcast Frame Count Register.
0x00000000
R
0xAA
P1_TX_MCAST_CNT
P1 Tx Multicast Frame Count Register.
0x00000000
R
0xAB
P1_TX_UCAST_CNT
P1 Tx Unicast Frame Count Register.
0x00000000
R
0xAC
P1_RX_DROP_FULL_CNT
P1 Rx Frames Dropped Due to FIFO Full Register.
0x00000000
R
0xAD
P1_RX_DROP_FILT_CNT
P1 Rx Frames Dropped Due to Filtering Register.
0x00000000
R
0xAE
P1_RX_IFG_ERR_CNT
Frame Received on Port 1 with IFG Errors.
0x00000000
R
0xB0
P1_TX_IFG
P1 Transmit Inter Frame Gap Register.
0x0000000B
R/W
0xB3
P1_LOOP
P1 MAC Loopback Enable Register.
0x00000000
R/W
0xB4
P1_RX_CRC_EN
P1 CRC Check Enable on Receive Register.
0x00000001
R/W
0xB5
P1_RX_IFG
P1 Receive Inter Frame Gap Register.
0x0000000A
R/W
0xB6
P1_RX_MAX_LEN
P1 Max Receive Frame Length Register.
0x00000618
R/W
0xB7
P1_RX_MIN_LEN
P1 Min Receive Frame Length Register.
0x00000040
R/W
0xB8
P1_LO_RFC
P1 Rx Low Priority FIFO Frame Count Register.
0x00000000
R
0xB9
P1_HI_RFC
P1 Rx High Priority FIFO Frame Count Register.
0x00000000
R
0xBA
P1_LO_RXSIZE
P1 Low Priority Rx FIFO Valid Half Words Register.
0x00000000
R
0xBB
P1_HI_RXSIZE
P1 High Priority Rx FIFO Valid Half Words Register.
0x00000000
R
Identification Version Register
Address: 0x00, Reset: 0x00000010, Name: IDVER
Table 35. Bit Descriptions for IDVER
Bits
Bit Name
Description
Reset
Access
[31:8]
RESERVED
Reserved.
0x0
R
[7:4]
MAJVER
OPEN Alliance Major Version. Major version identifier of the OPEN Alliance serial 10BASE-T1x MAC-PHY
interface specification supported by this device.
0x1
R
[3:0]
MINVER
OPEN Alliance Minor Version. Minor version identifier of the OPEN Alliance serial 10BASE-T1x MAC-PHY
interface specification supported by this device.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com