Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 104 page
background image
Data Sheet
ADIN1110
MAC SPI
analog.com
Rev. 0 | 35 of 104
Receive Data Footer
Table 28. Receive Data Footer
D31
D30
D29
D28 to D24
D23 to D22
D21
D20
D19 to D16
D15
D14
D13 to D8
D7
D6
D5 to D1
D0
EXST
HDRB
SYNC
RCA
VS
DV
SV
SWO
FD
EV
EBO
RTSA
RTSP
TXC
P
See the following definitions:
►
EXST: extended status. This bit is set when any bit in the
STATUS0 or STATUS1 registers are set and not masked.
►
HDRB: received header bad. When this bit is set, the MAC-PHY
has received a control or data header with a parity error.
►
SYNC: configuration synchronized flag. This field reflects the
state of the SYNC bit in the CONFIG0 register. When 0, this
bit indicates that the MAC-PHY configuration may not be as
expected by the SPI host. Following configuration, the SPI host
sets the corresponding bit in the configuration register, which is
reflected in this field.
►
RCA: receive chunks available. The RCA field indicates the
minimum number of additional receive data chunks of frame data
that are available for reading beyond the current one. This field is
0 when there is no more receive frame data pending in the buffer
of the MAC-PHY to be read.
►
VS: when this bit is 1, it indicates the priority of a received frame.
►
DV: data valid flag. The SPI host uses this bit to indicate if the
current chunk contains valid transmit data (DV = 1) or not. When
this bit is 0, the SPI host ignores the chunk payload.
►
SV: start valid flag. When this bit is 1, the beginning of an
Ethernet frame is present in the current transmit data chunk
payload. The SV bit is not to be confused with the SFD byte
described in IEEE Standard 802.3.
►
SWO: start word offset. When SV is 1, this field contains the
32-bit word offset into the receive data chunk payload that points
to the start of the new Ethernet frame. When a receive time
stamp is added to the beginning of the received frame (RTSA =
1), SWO points to the most significant byte of the time stamp. If
SV is 0, the host must write this field as 0.
►
FD: frame drop. When set, this bit indicates that the MAC has
detected a condition for which the SPI host must drop the
received Ethernet frame. This bit is only valid at the end of a
received frame (EV = 1), and must be 0 at all other times.
►
EV: end valid flag. When this bit is 1, the end of an Ethernet
frame is present in the current receive data chunk payload.
►
EBO: end byte offset. When EV is 1, this field contains the byte
offset into the receive data chunk payload that points to the last
byte of the received Ethernet frame. This field is 0 when EV = 0.
►
RTSA: receive time stamp added. This bit is set when a 32-bit
or 64-bit time stamp is added to the beginning of the SPI frame.
This bit must be 0 when SV = 0.
►
TXC: transmit credits. This field contains the minimum number of
transmit data chunks of frame data that the SPI host can write in
a single transaction without incurring a transmit buffer overflow.
►
P: parity. Parity bit calculated over the receive data header.
Method is odd parity.
OPEN Alliance SPI Cut Through Mode
If cut through from or to the host is enabled, the method to transfer
frames remains the same as when using store and forward mode.
However, the frame receive starts when sufficient frame data to fill a
chunk is received, and the frame transmit starts when a configured
transmit threshold is reached (see the Transmit Threshold Register
section).
The cut thorough mode can be enabled via the receive cut through
enable bits and transmit cut through enable bits (see the Configura-
tion Register 0 section).
On receive, the MAC returns data as it becomes available. Unlike
in store and forward mode, there may be empty chunks (DV = 0)
between a start of frame (SOF) chunk and an end of frame (EOF)
chunk.
If the host does not read frames fast enough to keep the receive
FIFO empty, the frames are then buffered in the receive FIFO as if
it is operating in store and forward mode. When all the frames are
read, the FIFO returns to operating in cut through mode.
On transmit, the host must provide frame data at a rate fast
enough (>10 Mbps) to ensure that the frame does not under run on
transmit. If the MAC under runs, TXBUE in the STATUS0 register
asserts and the MAC stops transmitting the frame in progress and
appends a bad CRC to the frame.
Cut Through Transmit Latency
The time interval between the time the start of an SPI data transac-
tion with a transmit header SWO of 0 (frame starts immediately
in the chunk), and the time TX_EN rises on the MII with an SPI
frequency of 16 MHz and TX_THRESH = 1 is 4 μs. The PHY
transmit latency is 3.2 μs. This makes a total transmit latency of 7.2
μs.
Cut Through Receive Latency
The receive latency varies based on the chunk size and the SPI
frequency. Table 29 indicates the latency for an SPI frequency of 16
MHz and all supported chunk sizes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com