Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 77 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 79Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 80Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 77 of 104
Table 134. Bit Descriptions for B10L_PMA_LINK_STAT
Bits
Bit Name
Description
Reset
Access
9
B10L_REM_RCVR_STAT_OK_LL
10BASE-T1L Remote Receiver Status OK Latch Low. Latched low version of
B10L_REM_RCVR_STAT_OK.
0x0
R LL
8
B10L_REM_RCVR_STAT_OK
10BASE-T1L Remote Receiver Status OK. When read as 1, this bit indicates
that the remote receiver status is OK.
0x0
R
7
B10L_LOC_RCVR_STAT_OK_LL
10BASE-T1L Local Receiver Status OK Latch Low. Latched low version of
B10L_LOC_RCVR_STAT_OK.
0x0
R LL
6
B10L_LOC_RCVR_STAT_OK
10BASE-T1L Local Receiver Status OK. When read as 1, this bit indicates that
the local receiver status is OK.
0x0
R
5
B10L_DSCR_STAT_OK_LL
BASE-T1L Descrambler Status OK Latch Low. When read as 1, this bit indicates
that the descrambler status is OK.
0x0
R LL
4
B10L_DSCR_STAT_OK
10BASE-T1L Descrambler Status OK. When read as 1, this bit indicates that the
descrambler status is OK.
0x0
R
[3:2]
RESERVED
Reserved.
0x0
R
1
B10L_LINK_STAT_OK_LL
Link Status OK Latch Low. When read as 1, this bit indicates that the link status
is OK.
0x0
R LL
0
B10L_LINK_STAT_OK
Link Status OK. When read as 1, this bit indicates that the link status is OK.
0x0
R
MSE Value Register
Device Address: 0x01; Register Address: 0x830B, Reset: 0x0000, Name: MSE_VAL
Table 135. Bit Descriptions for MSE_VAL
Bits
Bit Name
Description
Reset
Access
[15:0]
MSE_VAL
MSE Value. Note that the LSB weight is 2−18. When computing a signal-to-noise ratio (SNR) value, the mean
10BASE-T1L idle symbol power is 0.64422.
0x0
R
PCS Control 1 Register
Device Address: 0x03; Register Address: 0x0000, Reset: 0x0000, Name: PCS_CNTRL1
This address corresponds to the PCS Control Register 1 specified in Clause 45.2.3.1 of Standard 802.3.
Table 136. Bit Descriptions for PCS_CNTRL1
Bits
Bit Name
Description
Reset
Access
15
PCS_SFT_RST
PCS Software Reset. Mirrors PMA_SFT_RST.
0x0
R/W SC
14
LB_PCS_EN
PCS Loopback Enable. When this bit is set to 1, the PCS accepts data on the transmit path and returns it
on the receive path. When this bit is set to 0, the PCS works in normal mode.
0x0
R/W
[13:12]
RESERVED
Reserved.
0x0
R
11
PCS_SFT_PD
PCS Software Power-Down. Mirrors PMA_SFT_PD
0x0
R/W
[10:0]
RESERVED
Reserved.
0x0
R
PCS Status 1 Register
Device Address: 0x03; Register Address: 0x0001, Reset: 0x0002, Name: PCS_STAT1
Table 137. Bit Descriptions for PCS_STAT1
Bits
Bit Name
Description
Reset
Access
[15:2]
RESERVED
Reserved.
0x0
R
1
PCS_SFT_PD_ABLE
PCS Software Power-Down Able. Indicates that the PCS supports software power-down.
0x1
R
0
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com