Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 104 page
background image
Data Sheet
ADIN1110
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 26 of 104
Assuming the following:
►
CPCB1 ≈ CPCB2 ≈ CPCB
►
CX1 ≈ CX2 ≈ CXx
Then, CXx = 2 × CL – CPCB – 3 pF
Choose precision capacitors for CXx with low appreciable tempera-
ture coefficient to minimize frequency errors. Ensure good ground
connections on CX1, CX2, the package ground of the quartz resona-
tor, and the ground paddle of the ADIN1110 package.
Figure 18. Crystal Oscillator Connection
External Clock Input
If using a single-ended reference clock on XTAL_I/CLK_IN, leave
XTAL_O open-circuit. This clock must be an ac-coupled 0.8 V
p-p to 2.5 V p-p sine or (filtered) square wave signal. This signal
also applies when connecting the CLK25_REF output clock from
one 10BASE-T1L device to the XTAL_I/CLK_IN input of another
10BASE-T1L device.
If VS p-p < 2.5 V p-p,
►
C2 is not required
►
C1 = 1 nF
If VS p-p ≥ 2.5 V p-p
►
C2 = 10 pF
►
C1 = 2.5 (13 pF + CPCBx) / (VS p-p – 2.5)
Figure 19. External Clock Connection
802.1AS SUPPORT
Typically, any device operating in an 802.1AS network executes the
following operations periodically:
►
Generate peer delay request and handle response
►
Receive peer delay request and generate response
►
Receive synchronization frame (slave clock)
►
Transmit synchronization frame (master clock)
These features require that the MAC is capable of time stamping
specific incoming and outgoing frames.
To assist with these features, the ADIN1110 MAC provides the
following hardware:
►
Internal free-running counter
►
Syntonized counter
►
Waveform generation on TS_TIMER output
Internal Free Running Counter
The ADIN1110 has an internal free running counter running at 120
MHz. This counter provides an accuracy of 8.333 ns. When using
this counter, there is a period of approximately 35 s. This period
ensures that the clock does not wrap during any of the necessary
operations, for example, between receipt of peer delay request and
transmission of the response.
To enable the free running counter, the TS_EN bits must be set to
1.
When the free running counter is enabled, the ADIN1110 captures
the time stamp for all received frames, and it is appended before
each data frame received. The time stamps of transmitted frames
are captured when requested. See Time Stamp Capture for more
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com