Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 79 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 78Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 79Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 80Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 81Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 82Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 79 of 104
Autonegotiation MMD Devices in Package 1 Register
Device Address: 0x07; Register Address: 0x0005, Reset: 0x008B, Name: AN_DEVS_IN_PKG1
Clause 22 registers and PMA/PMD, PCS, and autonegotiation MMDs are present.
Table 143. Bit Descriptions for AN_DEVS_IN_PKG1
Bits
Bit Name
Description
Reset
Access
[15:0]
AN_DEVS_IN_PKG1
Autonegotiation MMD Devices in Package. Clause 22 registers and PMA/PMD, PCS, and
autonegotiation MMDs are present.
0x8B
R
Autonegotiation MMD Devices in Package 2 Register
Device Address: 0x07; Register Address: 0x0006, Reset: 0xC000, Name: AN_DEVS_IN_PKG2
Vendor Specific Device 1 and Vendor Specific Device 2 MMDs are present.
Table 144. Bit Descriptions for AN_DEVS_IN_PKG2
Bits
Bit Name
Description
Reset
Access
[15:0]
AN_DEVS_IN_PKG2
Autonegotiation MMD Devices in Package. Vendor Specific Device 1 and Vendor Specific
Device 2 MMDs are present.
0xC000
R
BASE-T1 Autonegotiation Control Register
Device Address: 0x07; Register Address: 0x0200, Reset: 0x1000, Name: AN_CONTROL
This address corresponds to the BASE-T1 autonegotiation control register specified in Clause 45.2.7.19 of Standard 802.3.
Table 145. Bit Descriptions for AN_CONTROL
Bits
Bit Name
Description
Reset
Access
[15:13]
RESERVED
Reserved.
0x0
R/W SC
12
AN_EN
Autonegotiation Enable. When this bit is set to 1, the autonegotiation is enabled. Autonegotiation is
enabled by default and it is strongly recommended that it is always enabled.
0x1
R/W
[11:10]
RESERVED
Reserved.
0x0
R
9
AN_RESTART
Autonegotiation Restart. Setting this bit to 1 restarts the autonegotiation process. This bit is self clearing,
and it returns a value of one until the autonegotiation process is initiated.
0x0
R/W SC
[8:0]
RESERVED
Reserved.
0x0
R
BASE-T1 Autonegotiation Status Register
Device Address: 0x07; Register Address: 0x0201, Reset: 0x0008, Name: AN_STATUS
This address corresponds to the BASE-T1 autonegotiation status register specified in Clause 45.2.7.20 of Standard 802.3.
Table 146. Bit Descriptions for AN_STATUS
Bits
Bit Name
Description
Reset
Access
[15:7]
RESERVED
Reserved.
0x0
R
6
AN_PAGE_RX
Page Received. This bit is set to indicate that a new link codeword is received and stored in
the AN_LP_ADV_ABILITY register or the AN_LP_NEXT_PAGE register. The contents of the
AN_LP_ADV_ABILITY are valid when this bit is set the first time during autonegotiation. This bit
resets to 0 on a read of the AN_STATUS register.
0x0
R LH
5
AN_COMPLETE
Autonegotiation Complete. When this bit is read as 1, the autonegotiation process is complete,
the PHY link is up, and the contents of the AN_ADV_ABILITY_x and AN_LP_ADV_ABILITY_x
registers are valid. This bit returns 0 if the autonegotiation is disabled, clearing the AN_EN bit.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com