Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 72 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 72 of 104
PMA/PMD MMD Devices in Package 2 Register
Device Address: 0x01; Register Address: 0x0006, Reset: 0xC000, Name: PMA_PMD_DEVS_IN_PKG2
Table 122. Bit Descriptions for PMA_PMD_DEVS_IN_PKG2
Bits
Bit Name
Description
Reset
Access
[15:0]
PMA_PMD_DEVS_IN_PKG2
PMA/PMD MMD Devices in Package. Vendor Specific Device 1 and Vendor Specific
Device 2 MMDs are present.
0xC000
R
PMA/PMD Control 2 Register
Device Address: 0x01; Register Address: 0x0007, Reset: 0x003D, Name: PMA_PMD_CNTRL2
Table 123. Bit Descriptions for PMA_PMD_CNTRL2
Bits
Bit Name
Description
Reset
Access
[15:7]
RESERVED
Reserved.
0x0
R
[6:0]
PMA_PMD_TYPE_SEL
PMA/PMD Type Selection. See IEEE Standard 802.3. PMA_PMD_TYPE_SEL is used
only when autonegotiation is disabled and forced link configuration mode is enabled. If
autonegotiation is enabled, the PHY type is determined by the autonegotiation process itself.
Note that for ADIN1110, the only valid value for this field is for BASE-T1 PMA/PMD.
0x3D
R/W
0000000: TS_10GBASE_CX4_PMA_PMD.
0000001: TS_10GBASE_EW_PMA_PMD.
0000010: TS_10GBASE_LW_PMA_PMD.
0000011: TS_10GBASE_SW_PMA_PMD.
0000100: TS_10GBASE_LX4_PMA_PMD.
0000101: TS_10GBASE_ER_PMA_PMD.
0000110: TS_10GBASE_LR_PMA_PMD.
0000111: TS_10GBASE_SR_PMA_PMD.
0001000: TS_10GBASE_LRM_PMA_PMD.
0001001: TS_10GBASE_T_PMA.
0001010: TS_10GBASE_KX4_PMA_PMD.
0001011: TS_10GBASE_KR_PMA_PMD.
0001100: TS_1000BASE_T_PMA_PMD.
0001101: TS_1000BASE_KX_PMA_PMD.
0001110: TS_100BASE_TX_PMA_PMD.
0001111: TS_10BASE_T_PMA_PMD.
0010000: TS_10_1GBASE_PRX_D1.
0010001: TS_10_1GBASE_PRX_D2.
0010010: TS_10_1GBASE_PRX_D3.
0010011: TS_10GBASE_PR_D1.
0010100: TS_10GBASE_PR_D2.
0010101: TS_10GBASE_PR_D3.
0010110: TS_10_1GBASE_PRX_U1.
0010111: TS_10_1GBASE_PRX_U2.
0011000: TS_10_1GBASE_PRX_U3.
0011001: TS_10GBASE_PR_U1.
0011010: TS_10GBASE_PR_U3.
0011011: TS_RESERVED.
0011100: TS_10GBASE_PR_D4.
0011101: TS_10_1GBASE_PRX_D4.
0011110: TS_10GBASE_PR_U4.
0011111: TS_10_1GBASE_PRX_U4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com