Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 52 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 52 of 104
Table 52. Bit Descriptions for MDIOACCn
Bits
Bit Name
Description
Reset
Access
30
MDIO_TAERR
Turnaround Error. The MAC-PHY sets this bit to 1 when a turnaround error occurs during the MDIO
transaction. If this occurs, the contents of the data field for read and read-post-increment-address
operations is ignored.
0x0
R
[29:28]
MDIO_ST
Start of Frame. This field selects between Clause 45 and Clause 22 MDIO access.
0x0
R/W
01: Clause 22
00: Clause 45
[27:26]
MDIO_OP
Operation Code.
0x3
R/W
00: MD address command.
01: write command.
11: read command.
10: incremental read command.
[25:21]
MDIO_PRTAD
MDIO Port Address. This is the address of target port (PHY). This is called port address (PRTAD) for
Clause 45, and called PHY address (PHYAD) for Clause 22.
0x0
R/W
[20:16]
MDIO_DEVAD
MDIO Device Address. When using Clause 45, this is the device address. When using Clause 22, this
is the register address.
0x0
R/W
[15:0]
MDIO_DATA
Data/Address Value. For a write operation (Clause 45 or Clause 22) the SPI host must set this
to the 16-bit value to be written. For an address operation (Clause 45), the SPI host must set
this to the 16-bit register address value. For a read operation (Clause 45 or Clause 22), or for
a read-post-increment-address operation (Clause 45), the SPI host must set this value to 0. On
completion of the MDIO transaction (as indicated by TRDONE), the MAC-PHY sets this to the 16-bit
value read.
0x0
R/W
MAC Tx Frame Size Register
Address: 0x30, Reset: 0x00000000, Name: TX_FSIZE
Table 53. Bit Descriptions for TX_FSIZE
Bits
Bit Name
Description
Reset
Access
[31:11]
RESERVED
Reserved.
0x0
R
[10:0]
TX_FRM_SIZE
Transmit Frame Size. This field indicates the size of the frame that is written to the transmit FIFO in
bytes when using the generic SPI protocol. The size must include the 2-byte frame header. This is used
on the SPI side of the Tx FIFO to determine when the full frame written. When the full frame byte
count is reached, subsequent writes to MAC_TX register are ignored until the MAC_TXF_SIZE is written
again.This field is only used with the generic SPI protocol.
0x0
R/W
MAC Transmit Register
Address: 0x31, Reset: 0x00000000, Name: TX
The transmit FIFO is written via this register.
Table 54. Bit Descriptions for TX
Bits
Bit Name
Description
Reset
Access
[31:0]
TDR
Transmit Data Register. Writing to this register adds 4 bytes to the host Tx FIFO. Note that the last word of a
frame can only contain less than 4 bytes of data. The hardware uses MAC_TXF_SIZE to determine if there is 1
byte, 2 bytes, 3 bytes, or 4 bytes valid in the last SPI write of a frame. Only used with the generic SPI protocol.
0x0
W
Tx FIFO Space Register
Address: 0x32, Reset: 0x00000FFF, Name: TX_SPACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com