Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 47 of 104
Table 40. Bit Descriptions for CONFIG2
Bits
Bit Name
Description
Reset
Access
0: select the SFD from the PHY. This option provides the least jitter as the SFD is detected in
the same 120 MHz clock domain as is used in 1588 timer logic.
1: select the SFD from the MAC. The SFD from the MAC is from the 25 MHz clock domain
and results in additional jitter on the SFD detection.
6
STATS_CLR_ON_RD
Statistics Clear on Reading. This field determines if
the following registers/counters are cleared on reading:
P1_RX_FRM_CNT, P1_RX_BCAST_CNT, P1_RX_MCAST_CNT, P1_RX_UCAST_CNT,
P1_RX_CRC_ERR_CNT,P1_RX_ALGN_ERR_CNT, P1_RX_LS_ERR_CNT,
P1_RX_PHY_ERR_CNT, P1_TX_FRM_CNT, P1_TX_BCAST_CNT, P1_TX_MCAST_CNT,
P1_TX_UCAST_CNT, P1_RX_DROP_FULL_CNT, P1_RX_DROP_FILT_CNT,
P1_RX_IFG_ERR_CNT, and CECC_ERRn
0x0
R/W
0: statistic counter is not cleared on reading. When the maximum value is reached, the
counters roll over to 0x0.
1: clear statistics counters on reading. If a counter reaches its maximum value, the counter
holds at its maximum until read. When using the generic SPI protocol, the status counters
must be burst read in one SPI transaction to ensure all counters are cleared properly in
sequence. If a single SPI register/counter is read, it clears and the next counter (address
location) also clears when using the generic SPI protocol.
5
CRC_APPEND
Enable CRC Append. Enable CRC append in the MAC Tx path. Enables (1) or disables
(0) CRC appendage by the MAC. If this field is set to 0, the MAC assumes that the host
is providing a frame with a valid CRC header at the end. It is recommended that the host
always appends a CRC32 with the frame as this provides errors detection over the SPI for
transmitted frames. The CRC32 is checked as the frame is transmitted. If an error is detected,
TXFCSE asserts. Similarly, on receive, the CRC32 is forwarded with the frame to the host
where the host must verify it is correct.
0x0
R/W
4
P1_RCV_IFG_ERR_FRM
Admit Frames with IFG Errors on Port 1 (P1). If enabled, the MAC admits frames with IFG
errors on Port 1. Enables reception of frames that violate the minimum IFG requirement on
Port 1.
0x0
R/W
3
RESERVED
Reserved.
0x0
R/W
2
P1_FWD_UNK2HOST
Forward Frames Not Matching Any MAC Address to the Host. Determines the default rule for
forwarding unknown frames. Frames with an unknown destination address are placed in the
low priority FIFO.
0x0
R/W
[1:0]
MSPEED
SPI to MDIO Bridge MDC Clock Speed.
0x0
R/W
00: 2.5 MHz.
01: 4.166 MHz.
Status Register 0
Address: 0x08, Reset: 0x00000040, Name: STATUS0
Table 41. Bit Descriptions for STATUS0
Bits
Bit Name
Description
Reset
Access
[31:13]
RESERVED
Reserved.
0x0
R
12
CDPE
Control Data Protection Error. When control data read/write protection is enabled, this bit indicates that the
MAC-PHY detected an error in protected control write data received from the host. When not implemented,
this bit must be reserved with a read-only value of 0. This field is only used with the OPEN Alliance SPI
protocol.
0x0
R/W1C
11
TXFCSE
Transmit Frame Check Sequence Error. This bit indicates that a frame was received over SPI from the host
with an invalid FCS appended. The frame is still forwarded from the device because the FCS is checked as
the frame is being transmitted.
0x0
R/W1C
10
TTSCAC
Transmit Time Stamp Capture Available C.
0x0
R/W1C
9
TTSCAB
Transmit Time Stamp Capture Available B.
0x0
R/W1C
8
TTSCAA
Transmit Time Stamp Capture Available A.
0x0
R/W1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com