Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 58 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 58 of 104
Time Stamp Accumulator Addend Register
Address: 0x80, Reset: 0x85555555, Name: TS_ADDEND
Table 72. Bit Descriptions for TS_ADDEND
Bits
Bit Name
Description
Reset
Access
[31:0]
TS_ADDEND
Time Stamp Accumulator Addend.
0x85555555
R/W
Timer Update Compare Register
Address: 0x81, Reset: 0x3B9ACA00, Name: TS_1SEC_CMP
Table 73. Bit Descriptions for TS_1SEC_CMP
Bits
Bit Name
Description
Reset
Access
[31:0]
TS_1SEC_CMP
Time Stamp 1 Second Compare Value.
0x3B9ACA00
R/W
Seconds Counter Register
Address: 0x82, Reset: 0x00000000, Name: TS_SEC_CNT
Use this register to write to the seconds counter.
Table 74. Bit Descriptions for TS_SEC_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
TS_SEC_CNT
Write to the Seconds Counter.
0x0
R/W
Nanoseconds Counter Register
Address: 0x83, Reset: 0x00000000, Name: TS_NS_CNT
Use this register to write to the nanoseconds counter.
Table 75. Bit Descriptions for TS_NS_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
TS_NS_CNT
Write to the Nanoseconds Counter. This register must be programmed with a value that is divisible by 16
decimal because the counters are driven by a 120 MHz clock and increment in steps of 16.
0x0
R/W
Timer Configuration Register
Address: 0x84, Reset: 0x00000000, Name: TS_CFG
Table 76. Bit Descriptions for TS_CFG
Bits
Bit Name
Description
Reset
Access
[31:5]
RESERVED
Reserved.
0x0
R
4
TS_CAPT_FREE_CNT
Capture the Free Running Counter. When this bit is 1 and FTSS is 0, the time stamps are
captured from the 32-bit free running counter. If this bit is 0 and FTSS is 0, the 32-bit time stamps
as defined in the OPEN Alliance MAC-PHY specification are captured. If FTSS is 1, the 64 bit
time stamps as defined in the OPEN Alliance MAC-PHY specification are captured.
0x0
R/W
3
TS_TIMER_STOP
Stop Toggling the TS_TIMER Output. Write 1 to this field to stop the TS_TIMER output toggling
and return it to its default value. Write to the TS_TIMER_START registers to start the TS_TIMER
output signal again. This bit automatically clears to 0.
0x0
W
2
TS_TIMER_DEF
The Default Value for the TS_TIMER Output. To change the default value of the TS_TIMER
from 0, write 1 to this field before enabling the TS_TIMER (it is enabled when TS_TSTART is
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com