Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 54 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 54 of 104
Table 59. Bit Descriptions for MAC_RST_STATUS
Bits
Bit Name
Description
Reset
Access
[31:2]
RESERVED
Reserved.
0x0
R
1
MAC_CRYSL_CLK_RDY
MAC Crystal Clock Ready. If 0, this field indicates that the MAC core has not been released
from reset. If 1, this field indicates that the MAC core is released from reset. The MAC core is
released from reset when the crystal clock (25 MHz) is ready.
0x1
R
0
MAC_OSC_CLK_RDY
MAC Oscillator Clock Ready.
0x1
R
Software Reset Register
Address: 0x3C, Reset: 0x00000000, Name: SOFT_RST
Table 60. Bit Descriptions for SOFT_RST
Bits
Bit Name
Description
Reset
Access
[31:16]
RESERVED
Reserved.
0x0
R
[15:0]
RST_KEY
Software Reset. Write a pair of keys in order and back to back on the SPI to trigger a reset.
0x0
W
0x4F1C: Key 1 to reset the MAC logic only.
0xC1F4: Key 2 to reset the MAC logic only. Reset does not take effect until CS is brought high, and CS must
be held asserted for at least 100 ns for the reset to take effect. If the MAC-PHY is in software power-down
mode, the MAC_ONLY reset has no effect. That is, CRSM_SFT_P_CNTRL.CRSM_SFT_PD must be 0.
0x6F1A: Key 1 to request release of reset to the MAC core logic. Use MAC_RST_EXIT_REQ_KEYx to
request a release of reset to the MAC core logic when the 25 MHz crystal clock is not available. This brings
the MAC out of reset using the oscillator clock (12.5 MHz to 25.7 MHz). SPI accesses can then proceed at 15
MHz to allow debug access to MAC and PHY registers.
0xA1F6: Key 2 to request release of reset to the MAC core logic.
Inject an Error on MISO from the DUT Register
Address: 0x3D, Reset: 0x00000000, Name: SPI_INJ_ERR
Table 61. Bit Descriptions for SPI_INJ_ERR
Bits
Bit Name
Description
Reset
Access
[31:1]
RESERVED
Reserved.
0x0
R
0
TEST_SPI_INJ_ERR
Inject an Error on the SPI MISO Path. This function allows software to test that errors received on
MISO are properly detected in software. If set and using the OPEN Alliance SPI protocol for data
transaction, the parity bit in the Rx footer is inverted. Also, the time stamp parity bit in the in Rx
footer is inverted. If set and using the OPEN Alliance SPI protocol for protected control burst write
transactions, starting from the second word in a burst, the MS bit of each echoed 32-bit word is
inverted. If set and using the OPEN Alliance SPI protocol for protected control read transactions, the
MS bit of each 32-bit complement word is inverted. If set and using the generic SPI protocol with
protection enabled, the CRC8 returned on a register read is inverted.
0x0
R/W
FIFO Sizes Register
Address: 0x3E, Reset: 0x00000464, Name: FIFO_SIZE
Before modifying the FIFO sizes, frame reception and transmission must be stopped and the FIFOs must be empty.
Configure the forwarding rules to drop all frames and set P1_UNK2HOST to 0 to ensure all received frames are dropped.
Use RXF_CLR & TXF_CLR to reset the FIFOs. Then, the FIFO sizes can be modified.
The total FIFO size must be less than or equal to 28 kB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com