Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 50 of 104
Table 44. Bit Descriptions for IMASK0
Bits
Bit Name
Description
Reset
Access
4
LOFEM
Loss of Frame Error Mask. Setting this bit to 1 prevents the loss of the frame error (LOFE) status bit in
STATUS0 from asserting the footer EXST bit.
0x1
R/W
3
RXBOEM
Receive Buffer Overflow Error Mask. Setting this bit to 1 prevents the receive buffer overflow error (RXBOE)
status bit in STATUS0 from asserting the footer EXST bit.
0x1
R/W
2
TXBUEM
Transmit Buffer Underflow Error Mask. Setting this bit to 1 prevents the transmit buffer underflow error
(TXBUE) status bit in STATUS0 from asserting the footer EXST bit.
0x1
R/W
1
TXBOEM
Transmit Buffer Overflow Error Mask. Setting this bit to 1 prevents the transmit buffer overflow error (TXBOE)
status bit in STATUS0 from asserting the footer EXST bit.
0x1
R/W
0
TXPEM
Transmit Protocol Error Mask. Setting this bit to 1 prevents the transmit protocol error (TXPE) status bit in
STATUS0 from asserting IRQn.
0x1
R/W
Mask Bits for Driving the Interrupt Pin Register
Address: 0x0D, Reset: 0x43FA1F1A, Name: IMASK1
Table 45. Bit Descriptions for IMASK1
Bits
Bit Name
Description
Reset
Access
[31:13]
RESERVED
Reserved.
0x21FD0
R
12
TX_ECC_ERR_MASK
Mask Bit for TXF_ECC_ERR.
0x1
R/W
11
RX_ECC_ERR_MASK
Mask Bit for RXF_ECC_ERR.
0x1
R/W
10
SPI_ERR_MASK
Mask Bit for SPI_ERR. This field is only used with the generic SPI protocol.
0x1
R/W
9
RESERVED
Reserved.
0x1
R/W
8
P1_RX_IFG_ERR_MASK
Mask Bit for RX_IFG_ERR.
0x1
R/W
[7:5]
RESERVED
Reserved.
0x0
R
4
P1_RX_RDY_MASK
Mask Bit for P1_RX_RDY. This field is only used with the generic SPI protocol.
0x1
R/W
3
TX_RDY_MASK
Mask Bit for TX_FRM_DONE. This field is only used with the generic SPI protocol.
0x1
R/W
2
RESERVED
Reserved.
0x0
R
1
LINK_CHANGE_MASK
Mask Bit for LINK_CHANGE.
0x1
R/W
0
RESERVED
Reserved.
0x0
R
Transmit Time Stamp Capture Register A (High)
Address: 0x10, Reset: 0x00000000, Name: TTSCAH
This field contains the upper 32 bits of the captured time stamp for when the requested frame was transmitted.
Table 46. Bit Descriptions for TTSCAH
Bits
Bit Name
Description
Reset
Access
[31:0]
TTSCH_A
Transmit Time Stamp A. Bits[63:32].
0x0
R
Transmit Time Stamp Capture Register A (Low)
Address: 0x11, Reset: 0x00000000, Name: TTSCAL
This field contains the lower 32 bits of the captured time stamp for when the requested frame was transmitted.
Table 47. Bit Descriptions for TTSCAL
Bits
Bit Name
Description
Reset
Access
[31:0]
TTSCL_A
Transmit Time Stamp A. Bits[31:0].
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com