Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 74 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 77Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 74 of 104
PMA/PMD Transmit Disable Register
Device Address: 0x01; Register Address: 0x0009, Reset: 0x0000, Name: PMA_PMD_TX_DIS
This address corresponds to the PMD transmit disable register specified in Clause 45.2.1.8 of Standard 802.3.
Table 125. Bit Descriptions for PMA_PMD_TX_DIS
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
PMA_TX_DIS
PMD Transmit Disable. When this bit is set to 1, the PMD disables output on the transmit path. Otherwise,
the PMD enables output on the transmit path.
0x0
R/W
PMA/PMD Extended Abilities Register
Device Address: 0x01; Register Address: 0x000B, Reset: 0x0800, Name: PMA_PMD_EXT_ABILITY
PMA/PMD extended abilities.
Table 126. Bit Descriptions for PMA_PMD_EXT_ABILITY
Bits
Bit Name
Description
Reset
Access
[15:12]
RESERVED
Reserved.
0x0
R
11
PMA_PMD_BT1_ABLE
PHY Supports BASE-T1. Indicates that the PHY supports BASE-T1 extended abilities as
listed in PMA_PMD_BT1_ABILITY.
0x1
R
[10:0]
RESERVED
Reserved.
0x0
R
BASE-T1 PMA/PMD Extended Ability Register
Device Address: 0x01; Register Address: 0x0012, Reset: 0x0004, Name: PMA_PMD_BT1_ABILITY
This address corresponds to the BASE-T1 PMA/PMD extended ability register specified in Clause 45.2.1.16 of Standard 802.3. This register is
read only, and writes have no effect.
Table 127. Bit Descriptions for PMA_PMD_BT1_ABILITY
Bits
Bit Name
Description
Reset
Access
[15:4]
RESERVED
Reserved.
0x0
R
3
B10S_ABILITY
10BASE-T1S Ability. This bit always reads as 0 because the PMA/PMD does not support 10BASE-T1S. 0x0
R
2
B10L_ABILITY
10BASE-T1L Ability. This bit always reads as 1 because the PMA/PMD supports 10BASE-T1L.
0x1
R
1
B1000_ABILITY
1000BASE-T1 Ability. This bit always reads as 0 because the PMA/PMD does not support 1000BASE-
T1.
0x0
R
0
B100_ABILITY
100BASE-T1 Ability. This bit always reads as 0 because the PMA/PMD does not support 100BASE-T1.
0x0
R
BASE-T1 PMA/PMD Control Register
Device Address: 0x01; Register Address: 0x0834, Reset: 0x8002, Name: PMA_PMD_BT1_CONTROL
This address corresponds to the BASE-T1 PMA/PMD control register specified in Clause 45.2.1.185 of Standard 802.3.
Table 128. Bit Descriptions for PMA_PMD_BT1_CONTROL
Bits
Bit Name
Description
Reset
Access
15
RESERVED
Reserved.
0x1
R
14
CFG_MST
Master and Slave Configuration. CFG_MST is used only when autonegotiation is disabled.
Otherwise, this value is determined by the autonegotiation process itself. When this bit is set as
1, the device is configured as master. Otherwise, the device is configured as slave.
Pin Dependent
R/W
[13:4]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com