Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 69 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 69 of 104
Table 118. PHY Clause 45 Register Summary
Device Address
Register Address
Name
Description
Reset
Access
0x07
0x0005
AN_DEVS_IN_PKG1
AUTO-_NEGOTIATION MMD Devices in
Package 1 Register.
0x008B
R
0x07
0x0006
AN_DEVS_IN_PKG2
AUTO-_NEGOTIATION MMD Devices in
Package 2 Register.
0xC000
R
0x07
0x0200
AN_CONTROL
BASE-T1 Autonegotiation Control Register.
0x1000
R/W
0x07
0x0201
AN_STATUS
BASE-T1 Autonegotiation Status Register.
0x0008
R
0x07
0x0202
AN_ADV_ABILITY_L
BASE-T1 Autonegotiation Advertisement
Register, Bits[15:0].
0x0001
R/W
0x07
0x0203
AN_ADV_ABILITY_M
BASE-T1 Autonegotiation Advertisement
Register, Bits[31:16].
0x4000
R/W
0x07
0x0204
AN_ADV_ABILITY_H
BASE-T1 Autonegotiation Advertisement
Register, Bits[47:32].
0x0000
R/W
0x07
0x0205
AN_LP_ADV_ABILITY_L
BASE-T1 Autonegotiation Link Partner Base
Page Ability Register, Bits[15:0].
0x0000
R
0x07
0x0206
AN_LP_ADV_ABILITY_M
BASE-T1 Autonegotiation Link Partner Base
Page Ability Register, Bits[31:16].
0x0000
R
0x07
0x0207
AN_LP_ADV_ABILITY_H
BASE-T1 Autonegotiation Link Partner Base
Page Ability Register, Bits[47:32].
0x0000
R
0x07
0x0208
AN_NEXT_PAGE_L
BASE-T1 Autonegotiation Next Page Transmit
Register, Bits[15:0]
0x2001
R/W
0x07
0x0209
AN_NEXT_PAGE_M
BASE-T1 Autonegotiation Next Page Transmit
Register, Bits[31:16].
0x0000
R/W
0x07
0x020A
AN_NEXT_PAGE_H
BASE-T1 Autonegotiation Next Page Transmit
Register, Bits[47:32].
0x0000
R/W
0x07
0x020B
AN_LP_NEXT_PAGE_L
BASE-T1 Autonegotiation Link Partner Next
Page Ability Register, Bits[15:0].
0x0000
R
0x07
0x020C
AN_LP_NEXT_PAGE_M
BASE-T1 Autonegotiation Link Partner Next
Page Ability Register, Bits[31:16].
0x0000
R
0x07
0x020D
AN_LP_NEXT_PAGE_H
BASE-T1 Autonegotiation Link Partner Next
Page Ability Register, Bits[47:32].
0x0000
R
0x07
0x020E
AN_B10_ADV_ABILITY
10BASE-T1 Autonegotiation Control Register.
0x8000
R/W
0x07
0x020F
AN_B10_LP_ADV_ABILITY
10BASE-T1 Autonegotiation Status Register.
0x0000
R
0x07
0x8000
AN_FRC_MODE_EN
Autonegotiation Force Mode Enable Register.
0x0000
R/W
0x07
0x8001
AN_STATUS_EXTRA
Extra Autonegotiation Status Register.
0x0000
R
0x07
0x8030
AN_PHY_INST_STATUS
PHY Instantaneous Status.
0x0010
R
0x1E
0x0002
MMD1_DEV_ID1
Vendor Specific MMD 1 Device Identifier High
Register.
0x0283
R
0x1E
0x0003
MMD1_DEV_ID2
Vendor Specific MMD 1 Device Identifier Low
Register.
0xBC01
R
0x1E
0x0005
MMD1_DEVS_IN_PKG1
Vendor Specific 1 MMD Devices in Package
Register.
0x008B
R
0x1E
0x0006
MMD1_DEVS_IN_PKG2
Vendor Specific 1 MMD Devices in Package
Register.
0xC000
R
0x1E
0x0008
MMD1_STATUS
Vendor Specific MMD 1 Status Register.
0x8000
R
0x1E
0x0010
CRSM_IRQ_STATUS
System Interrupt Status Register.
0x1000
R
0x1E
0x0020
CRSM_IRQ_MASK
System Interrupt Mask Register.
0x1FFE
R/W
0x1E
0x8810
CRSM_SFT_RST
Software Reset Register.
0x0000
R/W
0x1E
0x8812
CRSM_SFT_PD_CNTRL
Software Power-Down Control Register.
0x0000
R/W
0x1E
0x8814
CRSM_PHY_SUBSYS_RST
PHY Subsystem Reset Register.
0x0000
R/W
0x1E
0x8815
CRSM_MAC_IF_RST
PHY MAC Interface Reset Register.
0x0000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com