Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 104 page
background image
Data Sheet
ADIN1110
MAC SPI
analog.com
Rev. 0 | 37 of 104
Figure 27. OPEN Alliance Control Transaction
Control Read
The MAC-PHY ignores all data from the SPI host following the control header for the rest of the control read command. Control read commands
can read either a single or multiple registers. When multiple registers are read, the address is automatically post-incremented according to the
address increment disable bit in the control header.
Figure 28. Control Read Transaction
OPEN Alliance SPI Errors
See the following OPEN Alliance SPI errors:
►
SPI Header Parity Error. If a parity error is detected on a transmit
header and there is a transmit frame in the process of being
transferred over SPI, this frame is dropped. If the MAC is operat-
ing in cut through mode, the frame transmit stops and a bad
CRC is appended to the frame.
The MAC-PHY returns a fixed value of 0x4000_0000 in every
word until CS goes high. The MAC-PHY responds with DV = 1,
EV = 1, EBO = 0, and FD = 1 in the first data footer following a
new assertion of CS.
If there is a parity error on a control transaction, the operation
does not complete. Software can determine which transaction
caused the error as the MAC-PHY returns a fixed 0x4000_0000
on SDO for the duration of the SPI transaction. Software can
then resend the corrupted control transaction after clearing the
header error bit.
►
Transmit Protocol Error. Occurs when the MAC-PHY detects
protocol errors in the transfer of transmit data chunks. These
errors are usually due to SPI host firmware issues and do not
occur in normal operation. The transmit protocol error bit is set
when a data header received by the MAC-PHY indicates data
valid (DV = 1) without a prior start of frame indication (SV = 1),
in which case the data chunk is ignored. Or, when the MAC-PHY
receives two data headers indicating a start of frame (SV =
1) without and end of frame (EV = 1), the MAC-PHY drops
the frame data from the previous start of frame indicator and
begins accepting the frame data from the second start of frame
indicator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com