Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 64 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 64 of 104
Table 103. Bit Descriptions for P1_RX_CRC_EN
Bits
Bit Name
Description
Reset
Access
0
P1_CRC_CHK_EN
CRC Check Enable on Receive.
0x1
R/W
P1 Receive Interframe Gap Register
Address: 0xB5, Reset: 0x0000000A, Name: P1_RX_IFG
Table 104. Bit Descriptions for P1_RX_IFG
Bits
Bit Name
Description
Reset
Access
[31:6]
RESERVED
Reserved.
0x0
R
[5:0]
P1_RX_IFG
Interframe Gap. The receive MAC checks that the IFG is greater than P1_RX_IFG × 8 bit times. If the received
IFG is too small, the MAC drops the received frame and asserts P1_RX_IFG_ERR. The maximum value
supported in this field is 63 decimal.
0xA
R/W
P1 Max Receive Frame Length Register
Address: 0xB6, Reset: 0x00000618, Name: P1_RX_MAX_LEN
Maximum receive frame length in bytes.
Table 105. Bit Descriptions for P1_RX_MAX_LEN
Bits
Bit Name
Description
Reset
Access
[31:16]
RESERVED
Reserved.
0x0
R
[15:0]
P1_MAX_FRM_LEN
Maximum Frame Length on Receive.
0x618
R/W
P1 Min Receive Frame Length Register
Address: 0xB7, Reset: 0x00000040, Name: P1_RX_MIN_LEN
Minimum receive frame length in bytes.
Table 106. Bit Descriptions for P1_RX_MIN_LEN
Bits
Bit Name
Description
Reset
Access
[31:16]
RESERVED
Reserved.
0x0
R
[15:0]
P1_MIN_FRM_LEN
Minimum frame length on receive.
0x40
R/W
P1 Rx Low Priority FIFO Frame Count Register
Address: 0xB8, Reset: 0x00000000, Name: P1_LO_RFC
The number of frames in the receive FIFO.
Table 107. Bit Descriptions for P1_LO_RFC
Bits
Bit Name
Description
Reset
Access
[31:9]
RESERVED
Reserved.
0x0
R
[8:0]
P1_LO_RFC
Receive Frame Count for the Low Priority FIFO. The number of frames in the Rx FIFO. Provided for debug
purposes. In store and forward mode, the host software only needs to know that there is at least one frame
available. See P1_RX_RDY in the Status Register 1 section.
0x0
R
P1 Rx High Priority FIFO Frame Count Register
Address: 0xB9, Reset: 0x00000000, Name: P1_HI_RFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com