Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 104 page
background image
Data Sheet
ADIN1110
BRINGING UP 10BASE-T1L LINKS
analog.com
Rev. 0 | 20 of 104
Table 16. Determination of Master/Slave by Autonegotiation1
Local
Remote
Local
Remote
AN_ADV_FORCE_MS
AN_ADV_MST
AN_LP_ADV_FORCE_MS AN_LP_ADV_MST
Master/Slave Resolution
0
0
0
0
Master/Slave
Slave/Master
0
0
0
1
Slave
Master
0
1
0
0
Master
Slave
0
1
0
1
Master/Slave
Slave/Master
0
X
1
0
Master
Slave
0
X
1
1
Slave
Master
1
0
0
X
Slave
Master
1
1
0
X
Master
Slave
1
0
1
0
Configuration Fault
Configuration Fault
1
0
1
1
Slave
Master
1
1
1
0
Master
Slave
1
1
1
1
Configuration Fault
Configuration Fault
1 X means don't care.
Completion of Autonegotiation
When autonegotiation completes, the autonegotiation complete in-
dication register bit (AN_LINK_GOOD) is set. This bit indicates
completion of the autonegotiation transmission, and that the ena-
bled PHY technology is either bringing up its link or that it has
brought up its link.
When autonegotiation has completed and the link is up, the auto-
negotiation complete register bit (AN_COMPLETE) is set. When
this bit is read as 1, the autonegotiation process is complete, the
PHY link is up, and the contents of the AN_ADV_ABILITY and
AN_LP_ADV_ABILITY register bits are valid.
Link Status
The status of the link can be determined by reading the link status
register bit (AN_LINK_STATUS). This bit latches low.
When read as 1, this bit indicates that a valid link is established.
If this bit reads 0, the link has failed since the last time it was read.
If the value of this bit is read as 0, this bit must be read a second
time to determine the link status (see Latch Low Registers section).
If the link is dropped, the autonegotiation process restarts automati-
cally. Autonegotiation can be restarted by request through a write
to the autonegotiation restart bit (AN_RESTART) in the autonego-
tiation control register (AN_CONTROL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com