Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADIN1110BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 104 page
background image
Data Sheet
ADIN1110
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 104
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VDDIO = 1.8 V
VIL
0.3 × VDDIO
V
VIH
0.7 ×
VDDIO
V
VOL
0.2 × VDDIO
V
IOL (minimum) = 2 mA
VOH
0.8 ×
VDDIO
V
IOH (minimum) = 2 mA
RESET Deglitch Time
0.3
0.5
1
µs
LED OUTPUT
Output Drive Current
8
mA
VDDIO = 3.3 V
6
mA
VDDIO = 2.5 V
4
mA
VDDIO = 1.8 V
CLOCKS
External Crystal (XTAL)
Requirements for external crystal used on XTAL_I pin and
XTAL_O pin
Crystal Frequency
25
MHz
Crystal Frequency Tolerance
−30
+30
ppm
Crystal Drive Level
<200
µW
Crystal Equivalent Series Resistance (ESR)
60
Ω
XTAL_I, XTAL_O Input Capacitance (CIN,EQ)
1.5
pF
Equivalent parallel differential input capacitance looking
into XTAL pins
Crystal Load Capacitance (CL)1
10
18
pF
Including printed circuit board (PCB) trace capacitance
and XTAL_I, XTAL_O CIN,EQ
Start-up Time
2
ms
Crystal oscillator only
Clock Input (CLK_IN)
Clock Input Frequency
25
MHz
Requirements for external clock applied to XTAL_I pin,
media independent interface (MII) mode
50
MHz
Reduced media independent interface (RMII) mode
Clock Jitter
40
ps
RMS
Clock Input Voltage Range
0.8
2.5
V p-p
AC-coupled sine or square wave at XTAL_I pin, see
External Clock Input section for more information
Clock Input Duty Cycle
45
55
%
XTAL_I Input Impedance (ZIN,EQ)
Driving Point Resistance RP2
6
kΩ
Rp||Cp
Driving Point Capacitance CP2
3
pF
CLK25_REF Clock Output
CLK25_REF Frequency
25
MHz
VOH
1.05
V
Load 10 pF
VOL
0
V
Load 10 pF
CLK25_REF Duty Cycle
45
55
%
Load 10 pF
CLK25_REF Frequency Tolerance
−50
+50
ppm
1 CL = ((C1 × C2)/(C1 + C2) + CSTRAY), where CSTRAY is the stray capacitance including routing and package parasitics.
2 Rp and Cp are the values of the equivalent parallel RC circuit to ac ground (Rp||Rc), modeling the driving point impedance of the XTAL_I/CLK_IN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com