Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1110BCPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADIN1110BCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110BCPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIN1110BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN1110BCPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 104 page
background image
Data Sheet
ADIN1110
THEORY OF OPERATION
analog.com
Rev. 0 | 14 of 104
held in tristate mode, the hardware configuration pins are latched,
and the I/O pins are configured for their functional mode. The crys-
tal oscillator circuit is enabled, and after the crystal starts up and
stabilizes, the PLL is enabled. Approximately 10 ms (maximum)
after writing the SOFT_RST keys, the internal logic is released from
reset and all the management interface registers are accessible.
MAC Subsystem Reset
A MAC only software reset is initiated by writing the required pair of
keys to the SOFT_RST register.
The reset is applied for about 1.2 µs. The MAC subsystem reset
interrupts any transmit/receive packet exchange between the MAC
and the PHY, but does not drop any existing link nor prevents
a link from establishing. The PHY management registers are not
initialized.
The PHY needs to be out of software power-down to trigger a MAC
only software reset.
PHY Subsystem Reset
The PHY subsystem is the part of the ADIN1110 that incorporates
the 10BASE-T1L PHY transceiver analog and digital circuits. A
PHY subsystem reset is initiated by setting the PHY subsystem
reset register bit (CRSM_PHY_SUBSYS_RST). When this bit is
set, the PHY subsystem is reset. The reset is applied for about
1.2 µs and then this bit self clears. All of the PHY digital circuitry
is reset and any existing link drops. The management registers
are not initialized by this reset, and access to all the management
registers is available during the PHY subsystem reset. This is a
short reset and can be used to put the device into a known state
while retaining any software initialization of the device.
LED FUNCTIONS
LED_0 and LED_1 can be configured to display various activities
of the ADIN1110 using the LED function feature. The LED function
is configurable using the LED0_FUNCTION and LED1_FUNCTION
bits (see the LED Control Register section).
The 7, 8, 9, and 10 (decimal) bit settings for LEDx_FUNCTION are
not available in LED Mode 2.
Table 9. LED_x Pins Configuration Summary
Parameter
LED_0
LED_1
Pin Number
3
6
Internal Pull-Up or Pull-
Down Resistor
Pull-up
Pull-down
Status at Power-Up or
Reset
Enabled
Disabled
LED Pin Mux
Not applicable
DIGIO_LED1_PINMUX bits (see the Pin Mux Configuration 1 Register
section)
Enable LED
LED0_EN bit (see the LED Control Register section)
LED1_EN bit (see the LED Control Register section)
LED Polarity
LED0_POLARITY bits (see the LED Polarity Register section)
LED1_POLARITY bits (see the LED Polarity Register section)
LED Mode
LED0_MODE bit (see the LED Control Register section), default: LED
Mode 1
LED1_MODE bit (see the LED Control Register section), default: LED
Mode 1
LED Function1
LED0_FUNCTION bits (see the LED Control Register section), default:
LINKUP_TXRX_ACTIVITY
LED1_FUNCTION bits (see the LED Control Register section), default:
TXRX_ACTIVITY
LED Blink Rate
LED0_BLINK_TIME_CNTRL (see the LED_0 On/Off Blink Time Register
section)
LED1_BLINK_TIME_CNTRL (see the LED 1 On/Off Blink Time Register
section
Maximum Current2
8 mA at 3.3 V
8 mA at 3.3 V
1 The 7, 8, 9, and 10 (decimal) settings in the LEDx_FUNCTION bits are not available in LED Mode 2.
2 See Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com