Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 13Page - NXP Semiconductors MMPF0200Z Datasheet HTML 14Page - NXP Semiconductors MMPF0200Z Datasheet HTML 15Page - NXP Semiconductors MMPF0200Z Datasheet HTML 16Page - NXP Semiconductors MMPF0200Z Datasheet HTML 17Page - NXP Semiconductors MMPF0200Z Datasheet HTML 18Page - NXP Semiconductors MMPF0200Z Datasheet HTML 19Page - NXP Semiconductors MMPF0200Z Datasheet HTML 20Page - NXP Semiconductors MMPF0200Z Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
PF0200Z
General Description
Functional Block Diagram
5.2
Functional Block Diagram
Figure 5. Functional Block Diagram
5.3
Functional Description
5.3.1
Power Generation
The PF0200Z PMIC features three buck regulators (up to four independent outputs), one boost regulator, six general purpose
LDOs, one switch/LDO combination and a DDR voltage reference to supply voltages for the application processor and peripheral
devices.
The number of independent buck regulator outputs can be configured from three to four, thereby providing flexibility to operate
with higher current capability, or to operate as independent outputs for applications requiring more voltage rails with lower current
demands. The SW3 regulator can be configured as single phase or with two independent outputs. The buck regulators provide
the supply to processor cores and to other low-voltage circuits such as IO and memory. Dynamic voltage scaling is provided to
allow controlled supply rail adjustments for the processor cores and/or other circuitry.
Depending on the system power path configuration, the six general purpose LDO regulators can be directly supplied from the
main input supply or from the switching regulators to power peripherals, such as audio, camera, Bluetooth, Wireless LAN, etc. A
specific VREFDDR voltage reference is included to provide accurate reference voltage for DDR memories operating with or
without VTT termination. The VSNVS block behaves as an LDO, or as a bypass switch to supply the SNVS/SRTC circuitry on
the i.MX processors; VSNVS may be powered from VIN, or from a coin cell.
Logic and Control
Switching Regulators
SW1A/B
(0.3 to 1.875V, 2.5A)
Linear Regulators
SW2
(0.4 to 3.3V, 1.5A)
SW3A/B
(0.4 to 3.3V)
Configurable 2.5A or
1.25A+1.25A
Boost Regulator
(5 to 5.15V, 600mA)
USB OTG Supply
VGEN1
(0.8 to 1.55V, 100mA)
VGEN2
(0.8 to 1.55V, 250mA)
VGEN3
(1.8 to 3.3V, 100mA)
VGEN4
(1.8 to 3.3V, 350mA)
VGEN5
(1.8 to 3.3V, 100mA)
VGEN6
(1.8 to 3.3V, 200mA)
Bias & References
Parallel MCU Interface
Regulator Control
VSNVS
(1.0 to 3.0V, 400uA)
RTC supply with coin cell
charger
PF0200Z Functional Internal Block Diagram
I2C Communication & Registers
Power Generation
Fault Detection and Protection
DDR Voltage Reference
Current Limit
Short-Circuit
Internal Core Voltage Reference
Thermal
OTP Startup Configuration
Sequence and
timing
OTP Prototyping
(Try before buy)
Voltage
Phasing and
Frequency Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com