Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 52 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 48Page - NXP Semiconductors MMPF0200Z Datasheet HTML 49Page - NXP Semiconductors MMPF0200Z Datasheet HTML 50Page - NXP Semiconductors MMPF0200Z Datasheet HTML 51Page - NXP Semiconductors MMPF0200Z Datasheet HTML 52Page - NXP Semiconductors MMPF0200Z Datasheet HTML 53Page - NXP Semiconductors MMPF0200Z Datasheet HTML 54Page - NXP Semiconductors MMPF0200Z Datasheet HTML 55Page - NXP Semiconductors MMPF0200Z Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 118 page
background image
Analog Integrated Circuit Device Data
52
Freescale Semiconductor
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
Figure 14. SW2 Efficiency Waveforms
SWITCH MODE SUPPLY SW2 (CONTINUED)
Transient Load Regulation
• Transient load = 0.0 mA to 1.0 A, di/dt = 100 mA/
s
Overshoot
Undershoot
VSW2LOTR
–
–
–
–
50
50
mV
Quiescent Current
PFM Mode
APS Mode (Low output voltage settings)
APS Mode (High output voltage settings)
ISW2Q
–
–
–
23
145
305
–
–
–
µA
SW2 P-MOSFET RDSON
at VIN = VINSW2 = 3.3 V
RONSW2P
–
190
209
m
SW2 N-MOSFET RDSON
at VIN = VINSW2 = 3.3 V
RONSW2N
–
212
255
m
SW2 P-MOSFET Leakage Current
VIN = VINSW2 = 4.5 V
ISW2PQ
––
12
µA
SW2 N-MOSFET Leakage Current
VIN = VINSW2 = 4.5 V
ISW2NQ
––
4.0
µA
Discharge Resistance
RSW2DIS
–
600
–
Notes
41.
When output is set to > 2.6 V the output will follow the input down when VIN gets near 2.8 V.
42.
The higher output voltages available depend on the voltage drop in the conduction path as given by the following equation:
(VINSW2 - VSW2) = ISW2* (DCR of Inductor +RONSW2P + PCB trace resistance).
Table 56. SW2 Electrical Characteristics (continued)
All parameters are specified at TA = -40 to 85 °C, VIN = VINSW2 = 3.6 V, VSW2 = 3.15 V, ISW2 = 100 mA,
SW2_PWRSTG[2:0] = [111], typical external component values, fSW2 = 2.0 MHz, unless otherwise noted. Typical values are
characterized at VIN = VINSW2 = 3.6 V, VSW2 = 3.15 V, ISW2 = 100 mA, SW2_PWRSTG[2:0] = [111], and 25 °C, unless otherwise
noted.
Parameter
Symbol
Min
Typ
Max
Unit
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Ef
fi
ci
e
n
cy
 (%
)
Load Current (mA)
PFM ‐ Vout = 3.15V
APS ‐ Vout = 3.15V
PWM ‐ Vout = 3.15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com