Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 23 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 19Page - NXP Semiconductors MMPF0200Z Datasheet HTML 20Page - NXP Semiconductors MMPF0200Z Datasheet HTML 21Page - NXP Semiconductors MMPF0200Z Datasheet HTML 22Page - NXP Semiconductors MMPF0200Z Datasheet HTML 23Page - NXP Semiconductors MMPF0200Z Datasheet HTML 24Page - NXP Semiconductors MMPF0200Z Datasheet HTML 25Page - NXP Semiconductors MMPF0200Z Datasheet HTML 26Page - NXP Semiconductors MMPF0200Z Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
PF0200Z
Functional Block Requirements and Behaviors
Start-up
6.1.2.4
Soft Start Ramp Rate
The start-up ramp rate or soft start ramp rate can be chosen from the same options as shown in Dynamic Voltage Scaling.
6.1.3
OTP Prototyping
It is possible to test the desired configuration by using the “Try Before Buy” feature, before permanently programming fuses. The
configuration is loaded from the OTP registers with this feature. These registers merely serve as temporary storage for the values
to be written to the fuses, for the values read from the fuses, or for the values read from the default configuration. To avoid
confusion, these registers will be referred to as the TBBOTP registers. The portion of the register map that concerns OTP is
shown in Table 121 and Table 122.
The contents of the TBBOTP registers are initialized to zero when a valid VIN is first applied. The values that are then loaded
into the TBBOTP registers depend on the setting of the VDDOTP pin and on the value of the TBB_POR and FUSE_POR_XOR
bits. Refer to Table 14.
• If VDDOTP = VCOREDIG (1.5 V), the values are loaded from the default configuration.
• If VDDOTP = 0.0 V, TBB_POR = 0 and FUSE_POR_XOR = 1, the values are loaded from the fuses. It is required to set all
the FUSE_PORx bits to load the fuses.
• If VDDOTP = 0.0 V, TBB_POR = 0 and FUSE_POR_XOR = 0, the TBBOTP registers remain initialized at zero.
The initial value of TBB_POR is always “0”; only when VDDOTP = 0.0 V and TBB_POR is set to “1” are the values from the
TBBOTP registers maintained and not loaded from a different source.
The contents of the TBBOTP registers are modified by I2C. To communicate with I2C, VIN must be valid and VDDIO, to which
SDA and SCL are pulled up, must be powered by a 1.7 to 3.6 V supply. VIN, or the coin cell voltage must be valid to maintain the
contents of the registers. To power on with the contents of the TBBOTP registers, the following conditions must exist; VIN is valid,
VDDOTP = 0.0 V, TBB_POR = 1 and there is a valid turn-on event.
6.1.4
Reading OTP Fuses
As described in the previous section, the contents of the fuses are loaded to the TBBOTP registers. When the following conditions
are met; VIN is valid, VDDOTP = 0.0 V, TBB_POR = 0, and FUSE_POR_XOR = 1. If ECC is enabled at the time the fuses were
programmed, the error corrected values can be loaded into the TBBOTP registers if desired. Once the fuses are loaded and a
turn-on event occurs, the PMIC will power on with the configuration programmed in the fuses.
Table 13. I2C Address Configuration
I2C_SLV_ADDR[3]
Hard Coded
I2C_SLV_ADDR[2:0]
I2C Device Address
(Hex)
1
000
0x08
1
001
0x09
1
010
0x0A
1
011
0x0B
1
100
0x0C
1
101
0x0D
1
110
0x0E
1
111
0x0F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com