Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 45 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 41Page - NXP Semiconductors MMPF0200Z Datasheet HTML 42Page - NXP Semiconductors MMPF0200Z Datasheet HTML 43Page - NXP Semiconductors MMPF0200Z Datasheet HTML 44Page - NXP Semiconductors MMPF0200Z Datasheet HTML 45Page - NXP Semiconductors MMPF0200Z Datasheet HTML 46Page - NXP Semiconductors MMPF0200Z Datasheet HTML 47Page - NXP Semiconductors MMPF0200Z Datasheet HTML 48Page - NXP Semiconductors MMPF0200Z Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
45
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
SW1A/B (SINGLE PHASE) (CONTINUED)
Transient Load Regulation
• Transient load = 0 to 1.25 A, di/dt = 100 mA/
s
Overshoot
Undershoot
VSW1ABLOTR
–
–
–
–
50
50
mV
Quiescent Current
PFM Mode
APS Mode
ISW1ABQ
–
–
18
235
–
–
µA
SW1A P-MOSFET RDSON
VINSW1A = 3.3 V
RONSW1AP
–
215
245
m
SW1A N-MOSFET RDSON
VINSW1A = 3.3 V
RONSW1AN
–
258
326
m
SW1A P-MOSFET Leakage Current
VINSW1A = 4.5 V
ISW1APQ
––
7.5
µA
SW1A N-MOSFET Leakage Current
VINSW1A = 4.5 V
ISW1ANQ
––
2.5
µA
SW1B P-MOSFET RDSON
VINSW1B = 3.3 V
RONSW1BP
–
215
245
m
SW1B N-MOSFET RDSON
VINSW1B = 3.3 V
RONSW1BN
–
258
326
m
SW1B P-MOSFET Leakage Current
VINSW1B = 4.5 V
ISW1BPQ
––
7.5
µA
SW1B N-MOSFET Leakage Current
VINSW1B = 4.5 V
ISW1BNQ
––
2.5
µA
Discharge Resistance
RSW1ABDIS
–
600
–
Notes
38.
Current rating of SW1AB supports the Power Virus mode of operation of the i.MX6X processor.
Table 47. SW1A/B Electrical Characteristics (continued)
All parameters are specified at TA = -40 to 85 °C, VIN = VINSW1x = 3.6 V, VSW1AB = 1.2 V, ISW1AB = 100 mA,
SW1AB_PWRSTG[2:0] = [111], typical external component values, fSW1AB = 2.0 MHz, unless otherwise noted. Typical values
are characterized at VIN = VINSW1x = 3.6 V, VSW1AV = 1.2 V, ISW1AB = 100 mA, SW1AB_PWRSTG[2:0] = [111], and 25 °C,
unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com