Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 74 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 70Page - NXP Semiconductors MMPF0200Z Datasheet HTML 71Page - NXP Semiconductors MMPF0200Z Datasheet HTML 72Page - NXP Semiconductors MMPF0200Z Datasheet HTML 73Page - NXP Semiconductors MMPF0200Z Datasheet HTML 74Page - NXP Semiconductors MMPF0200Z Datasheet HTML 75Page - NXP Semiconductors MMPF0200Z Datasheet HTML 76Page - NXP Semiconductors MMPF0200Z Datasheet HTML 77Page - NXP Semiconductors MMPF0200Z Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 118 page
background image
Analog Integrated Circuit Device Data
74
Freescale Semiconductor
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
VGEN2
Table 87. VGEN2 Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = 3.6 V, VIN1 = 3.0 V, VGEN2[3:0] = 1111, IGEN2 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6V, VIN1 = 3.0 V, VGEN2[3:0] = 1111,
IGEN2 = 10mA and 25°C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
VGEN2
Operating Input Voltage
VIN1
1.75–3.40
V
Nominal Output Voltage
VGEN2NOM
–
Table 76
–V
Operating Load Current
IGEN2
0.0
–
250
mA
VGEN2 ACTIVE MODE - DC
Output VoltageTolerance
1.75 V < VIN1 < 3.4 V
0.0 mA < IGEN2 < 250 mA
VGEN2[3:0] = 0000 to 1111
VGEN2TOL
-3.0
–
3.0
%
Load Regulation
(VGEN2 at IGEN2 = 250 mA) - (VGEN2 at IGEN2 = 0.0 mA)
For any 1.75 V < VIN1 < 3.4 V
VGEN2LOR
–0.05–
mV/
mA
Line Regulation
(VGEN2 at VIN1 = 3.4 V) - (VGEN2 at VIN1 = 1.75 V)
For any 0.0 mA < IGEN2 < 250 mA
VGEN2LIR
–0.50–
mV/
mA
Current Limit
IGEN2 when VGEN2 is forced to VGEN2NOM/2
IGEN2LIM
305
417
510
mA
Over-current Protection Threshold
IGEN2 required to cause the SCP function to disable LDO when
REGSCPEN = 1
IGEN2OCP
290
–
500
mA
Quiescent Current
No load, Change in IVIN and IVIN1
When VGEN2 enabled
IGEN2Q
–16–
A
VGEN2 AC AND TRANSIENT
PSRR(53)
•IGEN2 = 187.5 mA, 20 Hz to 20 kHz
VGEN2[3:0] = 0000 - 1101
VGEN2[3:0] = 1110, 1111
PSRRVGEN2
50
37
60
45
–
–
dB
Output Noise Density
•VIN1 = 1.75 V, IGEN2 = 187.5 mA
100 Hz – <1.0 kHz
1.0 kHz – <10 kHz
10 kHz – 1.0 MHz
NOISEVGEN2
–
–
–
-108
-118
-124
-100
-108
-112
dBV/
Hz
Turn-On Slew Rate
• 10% to 90% of end value
•1.75 V
VIN1 3.4 V, IGEN2 = 0.0 mA
VGEN2[3:0] = 0000 to 0111
VGEN2[3:0] = 1000 to 1111
SLWRVGEN2
–
–
–
–
12.5
16.5
mV
s
Turn-On Time
Enable to 90% of end value, VIN1 = 1.75 V, 3.4 V
IGEN2 = 0.0 mA
GEN2tON
60
–
500
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com