Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 86 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 82Page - NXP Semiconductors MMPF0200Z Datasheet HTML 83Page - NXP Semiconductors MMPF0200Z Datasheet HTML 84Page - NXP Semiconductors MMPF0200Z Datasheet HTML 85Page - NXP Semiconductors MMPF0200Z Datasheet HTML 86Page - NXP Semiconductors MMPF0200Z Datasheet HTML 87Page - NXP Semiconductors MMPF0200Z Datasheet HTML 88Page - NXP Semiconductors MMPF0200Z Datasheet HTML 89Page - NXP Semiconductors MMPF0200Z Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 118 page
background image
Analog Integrated Circuit Device Data
86
Freescale Semiconductor
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
VSNVS AC AND TRANSIENT
Turn-on Time(64),(65) (Load capacitor, 0.47
F)
VIN > UVDET to 90% of VSNVS
VCOIN = 0.0 V, ISNVS = 5.0 A
VSNVSVOLT[2:0] = 000 to 110
tONSNVS
––
24
ms
Start-up Overshoot
VSNVSVOLT[2:0] = 000 to 110
ISNVS = 5.0 A
dVIN/dt = 50 mV/s
VSNVSOSH
–40
70
mV
Transient Line Response ISNVS = 75% of ISNVSMAX
3.2 V < VIN < 4.5 V, VSNVSVOLT[2:0] = 110
2.45 V < VIN < 4.5 V, VSNVSVOLT[2:0] = [000] - [101]
VSNVSLITR
–
–
32
22
–
–
mV
Transient Load Response
VSNVSVOLT[2:0] = 110
3.1 V (UVDETL)< VIN 4.5 V
ISNVS = 75 to 750 A
VSNVSVOLT[2:0] = 000 to 101
2.45 V < VIN 4.5 V
VTL0 > VIN, 1.8 V VCOIN 3.3 V
ISNVS = 40 to 400 A
Refer to Figure 20
VSNVSLOTR
2.8
–
–
1.0
–
2.0
V
%
VSNVS DC, SWITCH
Operating Input voltage
Valid Coin Cell range
VINSNVS
1.8
–
3.3
V
Operating Load Current
ISNVS
5.0
–
400
A
Internal Switch RDS(on)
VCOIN = 2.6 V
RDSONSNVS
–
–
100
VIN Threshold (VIN Powered to Coin Cell Powered) (66)
VSNVSVOLT[2:0] = 110
VTL1
2.725
2.90
3.00
V
VIN Threshold (Coin Cell Powered to VIN Powered)
VSNVSVOLT[2:0] = 110
VTH1
2.775
2.95
3.1
V
Notes
63.
For 1.8 V ISNVS limited to 100 A for VCOIN < 2.1 V
64.
The start-up of VSNVS is not monotonic. It first rises to 1.0 V and then settles to its programmed value within the specified tR1 time.
65.
From coin cell insertion to VSNVS =1.0 V, the delay time is typically 400 ms.
66.
During crossover from VIN to LICELL, the VSNVS output voltage may drop to 2.7 V before going to the LICELL voltage. Though this is
outside the specified DC voltage level for the VDD_SNVS_IN pin of the i.MX 6, this momentary drop does not cause any malfunction.
The i.MX 6’s RTC continues to operate through the transition and as a worst case, it may switch to the internal RC oscillator for a few
clock cycles before switching back to the external crystal oscillator.
Table 95. VSNVS Electrical Characteristics (continued)
All parameters are specified at TA = -40 to 85 °C, VIN = 3.6 V, VSNVS = 3.0 V, ISNVS = 5.0 A, typical external component values,
unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VSNVS = 3.0 V, ISNVS = 5.0 A, and 25 °C, unless
otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com