Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 53 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 49Page - NXP Semiconductors MMPF0200Z Datasheet HTML 50Page - NXP Semiconductors MMPF0200Z Datasheet HTML 51Page - NXP Semiconductors MMPF0200Z Datasheet HTML 52Page - NXP Semiconductors MMPF0200Z Datasheet HTML 53Page - NXP Semiconductors MMPF0200Z Datasheet HTML 54Page - NXP Semiconductors MMPF0200Z Datasheet HTML 55Page - NXP Semiconductors MMPF0200Z Datasheet HTML 56Page - NXP Semiconductors MMPF0200Z Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
53
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
6.4.4.5
SW3A/B
SW3A/B are 1.25 to 2.5 A rated buck regulators, depending on the configuration. Table 28 describes the available switching
modes and Table 29 show the actual configuration options for the SW3xMODE[3:0] bits.
SW3A/B can be configured in various phasing schemes, depending on the desired cost/performance trade-offs. The following
configurations are available:
• A single phase
• Independent regulators
The desired configuration is programmed in OTP by using the SW3_CONFIG[1:0] bits.Table 57 shows the options for the
SW3CFG[1:0] bits.
SW3A/B Single Phase
In this configuration, SW3ALX and SW3BLX are connected in single phase with a single inductor a shown in Figure 15. This
configuration reduces cost and component count. Feedback is taken from the SW3AFB pin and the SW3BFB pin must be left
open. Although control is from SW3A, registers of both regulators, SW3A and SW3B, must be identically set.
Figure 15. SW3A/B Single Phase Block Diagram
Table 57. SW3 Configuration
SW3_CONFIG[1:0]
Description
00
A/B Single Phase
01
A/B Single Phase
10
Reserved
11
A/B Independent
Driver
Controller
SW3AIN
SW3ALX
SW3AFB
ISENSE
COSW3A
CINSW3A
LSW3A
I2C
Interface
SW3
SW3AMODE
SW3AFAULT
VIN
Driver
Controller
SW3BIN
SW3BLX
ISENSE
CINSW3B
EP
SW3BMODE
SW3BFAULT
VIN
EA
Z1
Z2
Internal
Compensation
VREF
DAC
I2C
EA
Z1
Z2
Internal
Compensation
VREF
DAC
I2C
SW3BFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com