Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 85 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 81Page - NXP Semiconductors MMPF0200Z Datasheet HTML 82Page - NXP Semiconductors MMPF0200Z Datasheet HTML 83Page - NXP Semiconductors MMPF0200Z Datasheet HTML 84Page - NXP Semiconductors MMPF0200Z Datasheet HTML 85Page - NXP Semiconductors MMPF0200Z Datasheet HTML 86Page - NXP Semiconductors MMPF0200Z Datasheet HTML 87Page - NXP Semiconductors MMPF0200Z Datasheet HTML 88Page - NXP Semiconductors MMPF0200Z Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
85
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
VSNVS Specifications
Table 95. VSNVS Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = 3.6 V, VSNVS = 3.0 V, ISNVS = 5.0 A, typical external component values,
unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VSNVS = 3.0 V, ISNVS = 5.0 A, and 25 °C, unless
otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
VSNVS
Operating Input Voltage
Valid Coin Cell range
Valid VIN
VINSNVS
1.8
2.25
–
–
3.3
4.5
V
Operating Load Current
VINMIN < VIN < VINMAX
ISNVS
5.0
–
400
A
VSNVS DC, LDO
Output Voltage
•5.0
A < ISNVS < 400 A (OFF)
3.20 V < VIN < 4.5 V, VSNVSVOLT[2:0] = 110
VTL0/VTH < VIN < 4.5 V, VSNVSVOLT[2:0] = [000] - [101]
•5.0
A < ISNVS < 400A (ON)
3.20 V < VIN < 4.5 V, VSNVSVOLT[2:0] = 110
UVDET < VIN < 4.5 V, VSNVSVOLT[2:0] = [000] - [101]
•5
0A < ISNVS < 400 A (Coin Cell mode)
2.84 V < VCOIN < 3.3 V, VSNVSVOLT[2:0] = 110
1.8 V < VCOIN < 3.3 V, VSNVSVOLT[2:0] = [000] - [101]
VSNVS
-5.0%
-8.0%
-5.0%
-4.0%
VCOIN-0.04
-8.0%
3.0
1.0 - 1.8
3.0
1.0 - 1.8
–
1.0 - 1.8
7.0%
7.0%
5.0%
4.0%
VCOIN
7.0%
V
Dropout Voltage
VIN = VCOIN = 2.85 V, VSNVSVOLT[2:0] = 110, ISNVS = 400 A
VSNVSDROP
––
50
mV
Current Limit
VIN > VTH1, VSNVSVOLT[2:0] = 110
VIN > VTH0, VSNVSVOLT[2:0] = 000 to 101
VIN < VTL0, VSNVSVOLT[2:0] = 000 to 101
ISNVSLIM
1100
500
480
–
–
–
6750
6750
4500
A
VIN Threshold (Coin Cell Powered to VIN Powered) VIN going high
with valid coin cell
VSNVSVOLT[2:0] = 000, 001, 010, 011, 100, 101
VTH0
2.25
2.40
2.55
V
VIN Threshold (VIN Powered to Coin Cell Powered) VIN going low
with valid coin cell
VSNVSVOLT[2:0] = 000, 001, 010, 011, 100, 101
VTL0
2.20
2.35
2.50
V
VIN Threshold Hysteresis for VTH1-VTL1
VHYST1
5.0
–
–
mV
VIN Threshold Hysteresis for VTH0-VTL0
VHYST0
5.0
–
–
mV
Output Voltage During Crossover
VSNVSVOLT[2:0] = 110
VCOIN > 2.9 V
Switch to LDO: VIN > 2.825 V, ISNVS = 100 A
LDO to Switch: VIN < 3.05 V, ISNVS = 100 A
VSNVSCROSS
2.70
–
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com