Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 25Page - NXP Semiconductors MMPF0200Z Datasheet HTML 26Page - NXP Semiconductors MMPF0200Z Datasheet HTML 27Page - NXP Semiconductors MMPF0200Z Datasheet HTML 28Page - NXP Semiconductors MMPF0200Z Datasheet HTML 29Page - NXP Semiconductors MMPF0200Z Datasheet HTML 30Page - NXP Semiconductors MMPF0200Z Datasheet HTML 31Page - NXP Semiconductors MMPF0200Z Datasheet HTML 32Page - NXP Semiconductors MMPF0200Z Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
6.4.1.2
OFF Mode
The PF0200Z enters the Off mode after a turn-off event. A thermal shutdown event also forces the PF0200Z into the Off mode.
Only VCOREDIG and VSNVS are powered in the mode of operation. To exit the Off mode, a valid turn-on event is required.
RESETBMCU is asserted, LOW, in this mode.
6.4.1.3
Standby Mode
• Depending on STANDBY pin configuration, Standby is entered when the STANDBY pin is asserted. This is typically used
for low-power mode of operation.
• When STANDBY is de-asserted, Standby mode is exited.
A product may be designed to go into a Low-power mode after periods of inactivity. The STANDBY pin is provided for board level
control of going in and out of such deep sleep modes (DSM).
When a product is in DSM, it may be able to reduce the overall platform current by lowering the regulator output voltage, changing
the operating mode of the regulators or disabling some regulators. The configuration of the regulators in Standby is pre-
programmed through the I2C interface.
Note that the STANDBY pin is programmable for Active High or Active Low polarity, and that decoding of a Standby event will
take into account the programmed input polarity as shown in Table 21. When the PF0200Z is powered up first, regulator settings
for the Standby mode are mirrored from the regulator settings for the ON mode. To change the STANDBY pin polarity to Active
Low, set the STANDBYINV bit via software first, and then change the regulator settings for Standby mode as required. For
simplicity, STANDBY will generally be referred to as active high throughout this document.
Since STANDBY pin activity is driven asynchronously to the system, a finite time is required for the internal logic to qualify and
respond to the pin level changes. A programmable delay is provided to hold off the system response to a Standby event. This
allows the processor and peripherals some time after a standby instruction has been received to terminate processes to facilitate
seamless entering into Standby mode.
When enabled (STBYDLY = 01, 10, or 11) per Table 22, STBYDLY will delay the Standby initiated response for the entire IC,
until the STBYDLY counter expires.
An allowance should be made for three additional 32 k cycles required to synchronize the Standby event.
Table 21. Standby Pin and Polarity Control
STANDBY (Pin)(31)
STANDBYINV (I2C bit)(32)
STANDBY Control (30)
00
0
01
1
10
1
11
0
Notes
30.
STANDBY = 0: System is not in Standby, STANDBY = 1: System is in Standby
31.
The state of the STANDBY pin only has influence in On mode.
32.
Bit 6 in Power Control Register (ADDR - 0x1B)
Table 22. STANDBY Delay - Initiated Response
STBYDLY[1:0](33)
Function
00
No Delay
01
One 32 k period (default)
10
Two 32 k periods
11
Three 32 k periods
Notes
33.
Bits [5:4] in Power Control Register (ADDR - 0x1B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com