Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 87 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 83Page - NXP Semiconductors MMPF0200Z Datasheet HTML 84Page - NXP Semiconductors MMPF0200Z Datasheet HTML 85Page - NXP Semiconductors MMPF0200Z Datasheet HTML 86Page - NXP Semiconductors MMPF0200Z Datasheet HTML 87Page - NXP Semiconductors MMPF0200Z Datasheet HTML 88Page - NXP Semiconductors MMPF0200Z Datasheet HTML 89Page - NXP Semiconductors MMPF0200Z Datasheet HTML 90Page - NXP Semiconductors MMPF0200Z Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
87
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
6.4.7.1
Coin Cell Battery Backup
The LICELL pin provides for a connection of a coin cell backup battery or a “super” capacitor. If the voltage at VIN goes below
the VIN threshold (VTL1 and VTL0), contact-bounced, or removed, the coin cell maintained logic will be powered by the voltage
applied to LICELL. The supply for internal logic and the VSNVS rail will switch over to the LICELL pin when VIN goes below VTL1
or VTL0, even in the absence of a voltage at the LICELL pin, resulting in clearing of memory and turning off of VSNVS. When
system operation below VTL1 is required, for systems not utilizing a coin cell, connect the LICELL pin to any system voltage
between 1.8 and 3.0 V. A small capacitor should be placed from LICELL to ground under all circumstances.
Coin Cell Charger Control
The coin cell charger circuit will function as a current-limited voltage source, resulting in the CC/CV taper characteristic typically
used for rechargeable Lithium-Ion batteries. The coin cell charger is enabled via the COINCHEN bit while the coin cell voltage is
programmable through the VCOIN[2:0] bits on register COINCTL on Table 97. The coin cell charger voltage is programmable.
In the ON state, the charger current is fixed at ICOINHI. In Sleep and Standby modes, the charger current is reduced to a typical
10
A. In the OFF state, coin cell charging is not available as the main battery could be depleted unnecessarily. The coin cell
charging will be stopped when VIN is below UVDET.
External Components
Table 96. Coin Cell Charger Voltage
VCOIN[2:0]
VCOIN (V)(67)
000
2.50
001
2.70
010
2.80
011
2.90
100
3.00
101
3.10
110
3.20
111
3.30
Notes
67.
Coin cell voltages selected based on the
type of LICELL used on the system.
Table 97. Register COINCTL - ADDR 0x1A
Name
Bit #
R/W
Default
Description
VCOIN
2:0
R/W
0x00
Coin cell charger output voltage selection.
See Table 96 for all options selectable through
these bits.
COINCHEN
3
R/W
0x00
Enable or disable the Coin cell charger
UNUSED
7:4
–
0x00
UNUSED
Table 98. Coin Cell Charger External Components
Component
Value
Units
LICELL Bypass Capacitor
100
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com