Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 14Page - NXP Semiconductors MMPF0200Z Datasheet HTML 15Page - NXP Semiconductors MMPF0200Z Datasheet HTML 16Page - NXP Semiconductors MMPF0200Z Datasheet HTML 17Page - NXP Semiconductors MMPF0200Z Datasheet HTML 18Page - NXP Semiconductors MMPF0200Z Datasheet HTML 19Page - NXP Semiconductors MMPF0200Z Datasheet HTML 20Page - NXP Semiconductors MMPF0200Z Datasheet HTML 21Page - NXP Semiconductors MMPF0200Z Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 118 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
PF0200Z
General Description
Functional Description
5.3.2
Control Logic
The PF0200Z PMIC is fully programmable via the I2C interface. Additional communication is provided by direct logic interfacing
including interrupt and reset. Start-up sequence of the device is selected upon the initial OTP configuration explained in the Start-
up section, or by configuring the “Try Before Buy” feature to test different power up sequences before choosing the final OTP
configuration.
The PF0200Z PMIC has the interfaces for the power buttons and dedicated signaling interfacing with the processor. It also
ensures supply of critical internal logic and other circuits from the coin cell in case of brief interruptions from the main battery. A
charger for the coin cell is included as well.
5.3.2.1
Interface Signals
PWRON
PWRON is an input signal to the IC that generates a turn-on event. It can be configured to detect a level, or an edge using the
PWRON_CFG bit. Refer to section Turn On Events for more details.
STANDBY
STANDBY is an input signal to the IC. When it is asserted the part enters standby mode and when de-asserted, the part exits
standby mode. STANDBY can be configured as active high or active low using the STANDBYINV bit. Refer to the section
Standby Mode for more details.
Note: When operating the PMIC at VIN
 2.85 V and VSNVS is programmed for a 3.0 V output, a coin cell must be present to
provide VSNVS, or the PMIC will not reliably enter and exit the STANDBY mode.
RESETBMCU
RESETBMCU is an open-drain, active low output configurable for two modes of operation. In its default mode, it is de-asserted
2.0 to 4.0 ms after the last regulator in the start-up sequence is enabled; refer to Figure 6 as an example. In this mode, the signal
can be used to bring the processor out of reset, or as an indicator that all supplies have been enabled; it is only asserted for a
turn-off event.
When configured for its fault mode, RESETBMCU is de-asserted after the start-up sequence is completed only if no faults
occurred during start-up. At anytime, if a fault occurs and persists for 1.8 ms typically, RESETBMCU is asserted, LOW. The
PF0200Z is turned off if the fault persists for more than 100 ms typically. The PWRON signal restarts the part, though if the fault
persists, the sequence described above will be repeated. To enter the fault mode, set bit OTP_PG_EN of register
OTP PWRGD EN to “1”. This register, 0xE8, is located on Extended Page 1 of the register map. To test the fault mode, the bit
may be set during TBB prototyping, or the mode may be permanently chosen by programming OTP fuses.
SDWNB
SDWNB is an open-drain, active low output that notifies the processor of an imminent PMIC shutdown. It is asserted low for one
32 kHz clock cycle before powering down and is then de-asserted in the OFF state.
INTB
INTB is an open-drain, active low output. It is asserted when any fault occurs, provided that the fault interrupt is unmasked. INTB
is de-asserted after the fault interrupt is cleared by software, which requires writing a “1” to the fault interrupt bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com