Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 95 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 91Page - NXP Semiconductors MMPF0200Z Datasheet HTML 92Page - NXP Semiconductors MMPF0200Z Datasheet HTML 93Page - NXP Semiconductors MMPF0200Z Datasheet HTML 94Page - NXP Semiconductors MMPF0200Z Datasheet HTML 95Page - NXP Semiconductors MMPF0200Z Datasheet HTML 96Page - NXP Semiconductors MMPF0200Z Datasheet HTML 97Page - NXP Semiconductors MMPF0200Z Datasheet HTML 98Page - NXP Semiconductors MMPF0200Z Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
95
PF0200Z
Functional Block Requirements and Behaviors
Control Interface I2C Block Description
6.5.5.2
Embedded Memory
There are four register banks of general purpose embedded memory to store critical data. The data written to MEMA[7:0],
MEMB[7:0], MEMC[7:0], and MEMD[7:0] is maintained by the coin cell when the main battery is deeply discharged, removed, or
contact-bounced. The contents of the embedded memory are reset by COINPORB. The banks can be used for any system need
for bit retention with coin cell backup.
6.5.6
Register Bitmap
The register map is comprised of thirty-two pages, and its address and data fields are each eight bits wide. Only the first two
pages can be accessed. On each page, registers 0 to 0x7F are referred to as 'functional', and registers 0x80 to 0xFF as
'extended'. On each page, the functional registers are the same, but the extended registers are different. To access registers on
Extended Page 1, one must first write 0x01 to the page register at address 0x7F, and to access registers Extended Page 2, one
must first write 0x02 to the page register at address 0x7F. To access the Functional Page from one of the extended pages, no
write to the page register is necessary.
Registers that are missing in the sequence are reserved; reading from them will return a value 0x00, and writing to them will have
no effect.
The contents of all registers are given in the tables defined in this chapter; each table is structure as follows:
Name: Name of the bit.
Bit #: The bit location in the register (7-0)
R/W: Read / Write access and control
• R is read-only access
• R/W is read and write access
• RW1C is read and write access with write 1 to clear
Table 116. Register MEMA ADDR 0x1C
Name
Bit #
R/W
Default
Description
MEMA
7:0
R/W
0
Memory bank A
Table 117. Register MEMB ADDR 0x1D
Name
Bit #
R/W
Default
Description
MEMB
7:0
R/W
0
Memory bank B
Table 118. Register MEMC ADDR 0x1E
Name
Bit #
R/W
Default
Description
MEMC
7:0
R/W
0
Memory bank C
Table 119. Register MEMD ADDR 0x1F
Name
Bit #
R/W
Default
Description
MEMD
7:0
R/W
0
Memory bank D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com