Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 68 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 64Page - NXP Semiconductors MMPF0200Z Datasheet HTML 65Page - NXP Semiconductors MMPF0200Z Datasheet HTML 66Page - NXP Semiconductors MMPF0200Z Datasheet HTML 67Page - NXP Semiconductors MMPF0200Z Datasheet HTML 68Page - NXP Semiconductors MMPF0200Z Datasheet HTML 69Page - NXP Semiconductors MMPF0200Z Datasheet HTML 70Page - NXP Semiconductors MMPF0200Z Datasheet HTML 71Page - NXP Semiconductors MMPF0200Z Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 118 page
background image
Analog Integrated Circuit Device Data
68
Freescale Semiconductor
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
6.4.6.2
Short-circuit Protection
All general purpose LDOs have short-circuit protection capability. The Short-circuit Protection (SCP) system includes debounced
fault condition detection, regulator shutdown, and processor interrupt generation, to contain failures and minimize the chance of
product damage. If a short-circuit condition is detected, the LDO will be disabled by resetting its VGENxEN bit, while at the same
time, an interrupt VGENxFAULTI will be generated to flag the fault to the system processor. The VGENxFAULTI interrupt is
maskable through the VGENxFAULTM mask bit.
The SCP feature is enabled by setting the REGSCPEN bit. If this bit is not set, the regulators will not automatically be disabled
upon a short-circuit detection. However, the current limiter will continue to limit the output current of the regulator. By default, the
REGSCPEN is not set; therefore, at start-up none of the regulators will be disabled if an overloaded condition occurs. A fault
interrupt, VGENxFAULTI, will be generated in an overload condition regardless of the state of the REGSCPEN bit. See Table 75
for SCP behavior configuration.
6.4.6.3
LDO Regulator Control
Each LDO is fully controlled through its respective VGENxCTL register. This register enables the user to set the LDO output
voltage according to Table 76 for VGEN1 and VGEN2; and uses the voltage set point on Table 77 for VGEN3 through VGEN6.
Table 75. Short-circuit Behavior
REGSCPEN[0]
Short-circuit Behavior
0
Current limit
1
Shutdown
Table 76. VGEN1, VGEN2 Output Voltage Configuration
Set Point
VGENx[3:0]
VGENx Output (V)
0
0000
0.800
1
0001
0.850
2
0010
0.900
3
0011
0.950
4
0100
1.000
5
0101
1.050
6
0110
1.100
7
0111
1.150
8
1000
1.200
9
1001
1.250
10
1010
1.300
11
1011
1.350
12
1100
1.400
13
1101
1.450
14
1110
1.500
15
1111
1.550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com