Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0200Z Datasheet(PDF) 25 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 21Page - NXP Semiconductors MMPF0200Z Datasheet HTML 22Page - NXP Semiconductors MMPF0200Z Datasheet HTML 23Page - NXP Semiconductors MMPF0200Z Datasheet HTML 24Page - NXP Semiconductors MMPF0200Z Datasheet HTML 25Page - NXP Semiconductors MMPF0200Z Datasheet HTML 26Page - NXP Semiconductors MMPF0200Z Datasheet HTML 27Page - NXP Semiconductors MMPF0200Z Datasheet HTML 28Page - NXP Semiconductors MMPF0200Z Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
PF0200Z
Functional Block Requirements and Behaviors
Bias and References Block Description
6.3
Bias and References Block Description
6.3.1
Internal Core Voltage References
All regulators use the main bandgap as the reference. The main bandgap is bypassed with a capacitor at VCOREREF. The
bandgap and the rest of the core circuitry are supplied from VCORE. The performance of the regulators is directly dependent on
the performance of the bandgap. No external DC loading is allowed on VCORE, VCOREDIG, or VCOREREF. VCOREDIG is
kept powered as long as there is a valid supply and/or valid coin cell. Table 16 shows the main characteristics of the core circuitry.
6.3.1.1
External Components
Table 16. Core Voltages Electrical Specifications(26)
TA = -40 to 85 °C,VIN = 2.8 to 4.5 V, LICELL = 1.8 to 3.3 V, and typical external component values. Typical values are
characterized at VIN = 3.6 V, LICELL = 3.0 V, and 25 °C, unless otherwise noted.
Parameters
Symbol
Min
Typ
Max
Units
VCOREDIG (DIGITAL CORE SUPPLY)
Output Voltage
ON mode (25)
Coin cell mode and OFF
VCOREDIG
–
–
1.5
1.3
–
–
V
VCORE (ANALOG CORE SUPPLY)
Output Voltage
ON mode and charging(25)
OFF and Coin cell mode
VCORE
–
–
2.775
0.0
–
–
V
VCOREREF (BANDGAP / REGULATOR REFERENCE)
Output Voltage(25)
VCOREREF
–1.2
–
V
Absolute Accuracy
VCOREREFACC
–0.5
–
%
Temperature Drift
VCOREREFTACC
–0.25
–
%
Notes
25.
3.0 V < VIN < 4.5 V, no external loading on VCOREDIG, VCORE, or VCOREREF. Extended operation down to UVDET, but no system
malfunction.
26.
For information only.
Table 17. External Components for Core Voltages
Regulator
Capacitor Value (
F)
VCOREDIG
1.0
VCORE
1.0
VCOREREF
0.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com